Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9870 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9870 Datasheet HTML 9Page - Analog Devices AD9870 Datasheet HTML 10Page - Analog Devices AD9870 Datasheet HTML 11Page - Analog Devices AD9870 Datasheet HTML 12Page - Analog Devices AD9870 Datasheet HTML 13Page - Analog Devices AD9870 Datasheet HTML 14Page - Analog Devices AD9870 Datasheet HTML 15Page - Analog Devices AD9870 Datasheet HTML 16Page - Analog Devices AD9870 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD9870
–13–
FREQUENCY – MHz
1
10
–1
–2
–3
–4
–5
–6
3–3 BIAS
SETTING
100
1000
0
2–2 BIAS
SETTING
1–1 BIAS
SETTING
0–1 BIAS
SETTING
Figure 7e. LNA/Mixer Frequency Response vs. Bias
Setting
Table VII. SPI Registers Associated with LNA/Mixer
A
ddress
Bit
(Hex)
Breakdown
Width
Default Value
Name
0
x01
(7:6)
2
0
LNAB
0x01
(5:4)
2
0
MIXB
0x03
(7)
1
0
ATTEN
ANTIALIAS FILTER
The AD9870 includes a programmable continuous-time third
order antialias filter (AAF) as shown in Figure 8. Its purpose is
to suppress any noise or spectral components occurring at N
×
fCLK
± (fCLK/8) from aliasing back into the sigma-delta ADC’s
passband centered at fCLK/8. It consists of a programmable
capacitor at the mixer output providing a real pole plus a second
order programmable filter built into the VGA providing a com-
plex pole pair.
C2
C0
R0
180
Gm0
Gm1
C1
R1
R2
C0 AND C1 CONSIST OF 36 NWELL CAPACITORS IN PARALLEL
C3 CONSIST OF 36 POLY-POLY CAPACITORS IN PARALLEL
MIXER
(5MHz LOWPASS)
I-V 2ND ORDER LPF
Figure 8. Equivalent Circuit of Antialias Filter
The AAF is typically tuned during the start-up phase of the
AD9870. The user initiates tuning of the AAF by writing a value to
the AAR (antialias response) register. The following two consid-
erations should be noted when tuning the AAF response. First,
the accuracy of the tuning algorithm is sensitive to on-chip
digital noise. Thus, placing the ADC in standby (i.e., register STBY)
prior to tuning the AAF is recommended. Second, although the
default setting of the AAR register is 0x00, writing 0x00 is not recom-
mended since all subsequent writes to this register will be ignored
until power to the AD9870 is reapplied to reset this register.
The AAF tuning algorithm works in the following manner. The
AD9870 measures the oscillation frequency of an on-chip RC
oscillator relative to the frequency applied to the CLKP, CLKN
pins. It then uses this measurement in conjunction with the AAR
setting to program the capacitors of the AAF which sets the filters
poles. The on-chip circuitry sets the capacitor-programming
registers (CAPN and CAPP) to the required values based on the
clock frequency and the AAR setting.
The recommended –3 dB cutoff frequency is fCLK/3.2 (selected
by setting AAR = 0x60) since it provides minimal signal attenu-
ation in the passband region of fCLK/8 and sufficient attenuation
of the potential alias components in the transition band region.
For this setting the frequency-scaling resolution is sufficient to
yield less than 10% tuning error with clock frequencies between
13 MHz and 18 MHz. Figure 9a shows the measured response
of the antialias filter when it has been tuned with AAR = 0x60 at
an ADC clock frequency of 18 MHz. The multiple curves show
the possible tuning error due to the finite resolution of the tun-
ing capacitors. In this example, the capacitor across the mixer
load resistors yields a pole at 5 MHz, which degrades the mixer
gain at 2.25 MHz by approximately 0.8 dB. The nominal –3 dB
cutoff frequency of the antialias filter is 5.6 MHz. The nominal
attenuation at the first alias (15.75 MHz) is 28 dB and falls at
60 dB/decade so that the nominal attenuation at 50 MHz is 60 dB.
5
FREQUENCY – MHz
0.1
–5
–15
–25
–35
–45
–55
–65
1
10
100
2.25MHz IF @ CLK = 18MSPS
Figure 9a. Antialias filter response with AAR = 0x60 and
fCLK = 18 MHz. Note, the curves have been normalized
individually to 0 dB at f0 = 2.25 MHz.
Since the frequency measurements are performed relative to the
clock frequency, the AAF’s normalized frequency response
remains relatively independent of the ADC clock frequency.
There is guaranteed to be sufficient range in the programmable
capacitor arrays to support the response of Figure 9a for clock
frequencies between 13 MHz and 18 MHz with the resolution
indicated. Also, the normalized frequency response of the AAF
remains relatively independent of the programmed –3 dB cutoff
frequency over a 13 MHz to 18 MHz frequency range as shown
in Figure 9b. If the user specifies an unattainable response, the
on-chip circuitry sets CAPN and/or CAPP to the limit of their
ranges and also sets the ERRN and/or ERRP bit to indicate that
the specified response cannot be supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com