Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9875 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9875
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875 Datasheet(HTML) 4 Page - Analog Devices

  AD9875 Datasheet HTML 1Page - Analog Devices AD9875 Datasheet HTML 2Page - Analog Devices AD9875 Datasheet HTML 3Page - Analog Devices AD9875 Datasheet HTML 4Page - Analog Devices AD9875 Datasheet HTML 5Page - Analog Devices AD9875 Datasheet HTML 6Page - Analog Devices AD9875 Datasheet HTML 7Page - Analog Devices AD9875 Datasheet HTML 8Page - Analog Devices AD9875 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
–4–
AD9875–SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
Tx PATH INTERFACE
Maximum Input Nibble Rate, 2
× Interp.
Full
II
128
MHz
Tx-Set Up Time (tSU)
Full
II
3.0
ns
Tx-Hold Time (tHD)
Full
II
0
ns
Rx PATH INTERFACE
Maximum Output Nibble Rate
Full
I
110
MHz
Rx-DataValid Time (tVT)
Full
II
3.0
ns
Rx-Data Hold Time (tHT)
Full
II
1.5
ns
CMOS LOGIC INPUTS
Logic “1” Voltage
Full
II
VDRVDD – 0.7
V
Logic “0” Voltage
Full
II
0.4
V
Logic “1” Current
Full
II
12
µA
Logic “0” Current
Full
II
12
µA
Input Capacitance
25
°C
III
3
µF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic “1” Voltage
Full
II
VDRVDD – 0.6
V
Logic “0” Voltage
Full
II
0.4
V
Digital Output Rise/Fall Time
Full
II
1.5
2.5
ns
POWER SUPPLY
All Blocks Powered Up
IS_TOTAL (Total Supply Current)
Full
I
262
288
mA
IS_TOTAL (Tx_QUIET Pin Asserted)
25
°C
III
172
mA
Digital Supply Current (IDRVDD + IDVDD)25
°C
III
77
mA
Analog Supply Current (IAVDD)25
°C
III
185
mA
Power Consumption of Functional Blocks:
Rx LPF
25
°C
III
110
mA
ADC and FPGA
25
°C
III
55
mA
Rx Reference
25
°C
III
2
mA
Interpolator
25
°C
III
33
mA
DAC
25
°C
III
18
mA
PLL-B
25
°C
III
8
mA
PLL-A
25
°C
III
24
mA
Voltage Regulator Controller
25
°C
III
1
mA
All Blocks Powered Down
Supply Current IS, fOSCIN = 32 MHz
Full
II
19
22
mA
Supply Current IS, fOSCIN Idle
Full
II
10
12
mA
Power Supply Rejection
Tx Path (
∆V
S =
10%)
25
°C
III
62
dB
Rx Path (
∆V
S =
10%)
25
°C
III
54
dB
SERIAL CONTROL BUS
Maximum SCLK Frequency (fSCLK)
Full
II
25
MHz
Clock Pulsewidth High (tPWH)
Full
II
18
ns
Clock Pulsewidth Low (tPWL)
Full
II
18
ns
Clock Rise/Fall Time
Full
II
1
ms
Data/Chip-Select Setup Time (tDS)
Full
II
25
ns
Data Hold Time (tDH)
Full
II
0
ns
Data Valid Time (tDV)
Full
II
20
ns
RECEIVE-TO-TRANSMIT ISOLATION
(10 MHz, Full-Scale Sinewave Output/Output)
Isolation: Tx Path to Rx Path, Gain = +36 dB
25
°C
III
–75
dB
Isolation: Rx Path to Tx Path, Gain = –6 dB
25
°C
III
–70
dB
VOLTAGE REGULATOR CONTROLLER
Output Voltage (VFB with SI2301 Connected)
Full
I
1.25
1.30
1.35
V
Line Regulation (
∆V
FB%/∆VDVDD% × 100%)
25
°C
III
100
%
Load Regulation (
∆V
FB/∆ILOAD)25°C
III
60
m
Ω
Maximum Load Current (ILOAD)
Full
II
250
mA
Specifications subject to change without notice.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com