Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9883/PCB
Description  110 MSPS Analog Interface for Flat Panel Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9883/PCB Datasheet HTML 13Page - Analog Devices AD9883/PCB Datasheet HTML 14Page - Analog Devices AD9883/PCB Datasheet HTML 15Page - Analog Devices AD9883/PCB Datasheet HTML 16Page - Analog Devices AD9883/PCB Datasheet HTML 17Page - Analog Devices AD9883/PCB Datasheet HTML 18Page - Analog Devices AD9883/PCB Datasheet HTML 19Page - Analog Devices AD9883/PCB Datasheet HTML 20Page - Analog Devices AD9883/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD9883
–17–
0E
3
Active Hsync Select
This bit is used under two conditions. It is used to select
the active Hsync when the override bit is set, (Bit 4). Alter-
nately, it is used to determine the active Hsync when not
overriding but both Hsyncs are detected.
Table XIII. Active HSYNC Select Settings
Select
Result
0
HSYNC Input
1
Sync-on-Green Input
The default for this register is 0.
0E
2
Vsync Output Invert
One bit that can invert the polarity of the Vsync output.
Table XIV shows the effect of this option.
Table XIV. Vsync Output Invert Settings
Setting
Vsync Output
1
No Invert
0
Invert
The default setting for this register is 1.
0E
1 Active Vsync Override
This bit is used to override the automatic Vsync selection.
To override, set this bit to Logic 1. When overriding, the
active interface is set via Bit 0 in this register.
Table XV. Active Vsync Override Settings
Override
Result
0
Auto Determine the Active Vsync
1
Override, Bit 0 Determines the Active Vsync
The default for this register is 0.
0E
0 Active Vsync Select
This bit is used to select the active Vsync when the over-
ride bit is set, (Bit 1).
Table XVI. Active Vsync Select Settings
Select
Result
0
Vsync Input
1
Sync Separator Output
The default for this register is 0.
0F
7 Clamp Input Signal Source
A bit that determines the source of clamp timing.
Table XVII. Clamp Input Signal Source Settings
Clamp Function
Function
0
Internally Generated Clamp
1
Externally-Provided Clamp Signal
A 0 enables the clamp timing circuitry controlled by clamp
placement and clamp duration. The clamp position and
duration is counted from the leading edge of Hsync.
A 1 enables the external CLAMP input pin. The three
channels are clamped when the CLAMP signal is active.
The polarity of CLAMP is determined by the Clamp
Polarity bit (Register 0Fh, Bit 6).
The power-up default value is Clamp Function = 0.
0F
6 Clamp Input Signal Polarity
A bit that determines the polarity of the externally pro-
vided CLAMP signal.
Table XVIII. Clamp Input Signal Polarity Settings
Clamp Function
Function
1
Active LOW
0
Active HIGH
A Logic 1 means that the circuit will clamp when CLAMP is
HIGH, and it will pass the signal to the ADC when CLAMP
is LOW.
A Logic 0 means that the circuit will clamp when CLAMP
is LOW, and it will pass the signal to the ADC when
CLAMP is HIGH.
The power-up default value is Clamp Polarity = 1.
0F
5 Coast Select
This bit must be set to 0.
0F
4 Coast Input Polarity Override
This register is used to override the internal circuitry that
determines the polarity of the coast signal going into
the PLL.
Table XIX. Coast Input Polarity Override Settings
Override Bit
Result
0
Coast Polarity Determined by Chip
1
Coast Polarity Determined by User
The default for coast polarity override is 0.
0F
3 Coast Input Polarity
A bit to indicate the polarity of the COAST signal that is
applied to the PLL COAST input.
Table XX. Coast Input Polarity Settings
Coast Polarity
Function
0
Active LOW
1
Active HIGH
Active LOW means that the clock generator will ignore
Hsync inputs when COAST is LOW, and continue
operating at the same nominal frequency until COAST
goes HIGH.
Active HIGH means that the clock generator will ignore
Hsync inputs when COAST is HIGH, and continue
operating at the same nominal frequency until COAST
goes LOW.
This function needs to be used along with the COAST
polarity override bit, (Bit 4).
The power-up default value is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com