Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX93021 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX93021
Description  Telephony/TAM support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93021 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX93021 Datasheet HTML 1Page - Synaptics Incorporated. CX93021 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2009 Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant
logo are registered trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. ThiS MATEriAl iS ProviDED AS iS AND wiThoUT
ANy ExPrESS or iMPliED wArrANTiES, iNClUDiNg MErChANTABiliTy, fiTNESS for A
PArTiCUlAr PUrPoSE AND NoN-iNfriNgEMENT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
CX93021-2x CSM92/34/32-SP Modem Simplified Interface
CX93021 Modem
36-Pin QFN
MCU/DSP/
SmartDAA
Interface
DTE/Host
Interface
Serial
Interface
RAM
TIP
RING
External
Discrete
Components
Telephone
Line
Digital Isolation
Barrier (DIB)
CX20548
SmartDAA 4
Line Side Device (LSD)
16-Pin QFN
Line Side
DIB
Interface
(LSDI)
Codec
Telephone
Line
Interface
DAA Hardware
ROM
Optional
NVRAM
28.224 MHz
or
27.000 MHz
Crystal or Clock
Source
CX20452
Codec
24-Pin QFN
(Optional)
Mic
Speaker
09-2846
Embedded Dial-Up Modems
Controller-Based Modems
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-202165
Conexant Product Portfolio
Conexant’s comprehensive product portfolio includes solutions for imaging, audio, and video applications, and analog modems that enable cost-
effective Internet access. The company’s broadband access products include end-to-end solutions for xDSL networks, and PON solutions for fiber
optic applications.
CX93021-2x Features
• Modulations and protocols
- ITU-T V.92: Quick Connect, Modem-on-Hold and
PCM upstream
- V.90/V.34/V.32bis/V.32
- V.22bis/V.22/V.23/V.21
- V.23 reverse, V.23 half-duplex
- Bell 212A/Bell 103
- V.29 FastPOS and V.22 Fast Connect
- SIA Protocol and Contact ID for alarm equipment
- V.80 Synchronous Access Mode
- V.17/V.29 Fax Class 1/1.0 and Fax Class 2
• V.44/V.42bis/MNP5 data compression
• V.42/MNP2-4 Error correction
• Call waiting (CW) detection for selected countries
• Asynchronous Serial DTE interface
• Hardware and software flow control and speed buffering
• Embedded and upgradable 63 country profiles
• Optional serial NVRAM interface for country profile
storage and code upgrades
• Full-duplex 8-bit/16-bit PCM voice pass-through mode
• 28.224 MHz or 27.000 MHz frequency XTAL or clock input
• Worldwide operation
- Complies to TBR21 and other country requirements
- Type I and Type II Caller ID (CID) decoding
- Type II Caller ID snooping
- Call progress, blacklisting
- Meets worldwide DC mask requirements
• Low power and voltage
- Single +3.3 V supply
- Low power consumption mode
- +3.3 V I/O level
• Compact, robust board design
- Reference design files provided for quick time-to-market
- Reference design tested for PTT and TBR 21 approvals
- Small, low-profile modem packages
- Reference design supports 6KV isolation
• Telephony/TAM
– V.253 commands
– 2-bit and 4-bit ADPCM, 4-bit IMA ADPCM, 8-bit and 16-bit
linear PCM, and 8-bit μ-law and A-law PCM coding
– 8 kHz sample rate
– Concurrent DTMF, ring, and Caller ID detection
SmartDAA features
• Extension pick-up detection
• Digital line protection
• Line reversal detection
• Remote hang-up detection
• Worldwide compliance
• CX20548 SmartDAA 4 LSD in a 16-pin QFN
• Worldwide support with a single design
Conexant’s advanced proprietary speakerphone algorithm, which
supports full-duplex voice conversation with acoustic, line and handset
echo cancellation to ensure clean and noise free voice quality.
In TAM mode, enhanced 2-bit or 4-bit per sample coding schemes at 8
kHz sample rate provide flexible format compatibility and allows efficient
digital storage of voice/audio. Also supported are 8-bit A-law, μ-law, and
linear coding and IMA 4-bit Adaptive Differential Pulse Code Modulation
(ADPCM) coding. This mode supports applications such as digital
telephone answering machine, voice annotation, and recording from
and playback to the telephone line.
Small, low-profile packages, reduced voltage operation, and low power
consumption make this device set an ideal solution for embedded
applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com