Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNH10 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # KNH10
Description  0402 Size. Rated current up to 2A MAX.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KNH10 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  KNH10 Datasheet HTML 1Page - Kyocera Kinseki Corpotation KNH10 Datasheet HTML 2Page - Kyocera Kinseki Corpotation KNH10 Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
• 0603 Size. Rated current up to 2A MAX.
• Effective for filtering noise on power (Vcc)
lines.
Applications
• PCs, Laser Printers, Cellular Phone,
Power/ Signal Lines for LCD Display,
Office Equipments
• AV Power Supply/ Signal Line, TV, VCR, etc.
• High Current Signal Lines
How to Order
KNH 16 C104 DA 5T S
①②
③
④ ⑤ ⑥
① Series
② Size Code
16
1608 (EIA: 0603)
③ Capacitance
C105
1,000,000pF
C104
100,000pF
④ Application
DA
Digital Circuit in General (Std. Type)
DB
Digital Circuit in General (High Att. Type)
⑤ Packaging
5T
T&R: 5000 pcs. (Std.)
⑥ Termination
S
Std.
EMI Filters
KNH16 Series
Specifications
Part Number
Capacitance
(
+50/ −20%)
Rated
Current
Rated
Voltage
Temp. Coefficient
of Capacitance
Operating
Temperature
KNH16C105DB5TS
1,000,000pF
2.0A
10VDC
±15%
−40 to +85°C
KNH16C104DA5TS
100,000pF
2.0A
25VDC
±15%
•
Storage condition
Temperature:
−10 to +45°C
Humidity: 45 to 75%RH
DA
Type
DB
Type
L
IN/ OUT
IN/ OUT
G
P
P
L
IN/ OUT
IN/ OUT
R
G
Dimensions
(Unit: mm)
CODE
L
W
T
KNH16
1.60
±0.10
0.80
±0.10
0.60
±0.10
CODE
G
P
R
DA Type
0.40
±0.10
0.25
±0.10
≥0.01
DB Type
0.85
±0.15
0.40
±0.10
≥0.01
Attenuation Characteristics
−
−
−
−
−
−
−
−
−
0.1
1
10
100
1000
10000
Frequency (MHz)
Recommended Land Pattern
(Unit: mm)
0.40
1.00
2.20
DA Type
DB Type
0.80
1.20
2.00
Through Hole
0.20 to 0.30
Through Hole
0.20 to 0.30
Packaging Specification
• Taping (5,000/ reel)
(Unit: mm)
RoHS Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com