Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC912A Datasheet(PDF) 1 Page - Analog Devices

Part # ADC912A
Description  CMOS Microprocessor-Compatible 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADC912A Datasheet(HTML) 1 Page - Analog Devices

  ADC912A Datasheet HTML 1Page - Analog Devices ADC912A Datasheet HTML 2Page - Analog Devices ADC912A Datasheet HTML 3Page - Analog Devices ADC912A Datasheet HTML 4Page - Analog Devices ADC912A Datasheet HTML 5Page - Analog Devices ADC912A Datasheet HTML 6Page - Analog Devices ADC912A Datasheet HTML 7Page - Analog Devices ADC912A Datasheet HTML 8Page - Analog Devices ADC912A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADC912A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
CMOS Microprocessor-Compatible
12-Bit A/D Converter
FUNCTIONAL BLOCK DIAGRAM
THREE-STATE
OUTPUT
DRIVERS
THREE-STATE
OUTPUT
DRIVERS
CLOCK
OSCILLATOR
CONTROL
LOGIC
MULTIPLEXER
12-BIT LATCH
12-BIT DAC
SUCCESSIVE
APPROXIMATION
REGISTER
ADC912A
AGND VREFIN
AIN
VDD
VSS
CLK OUT
CLK IN
HBEN
CS
RD
BUSY
D11
D7
D8
D4 DGND D3/11 D0/8
5k
48
8
ANALOG INPUT
100
90
10
0%
TRANSITION NOISE
Figure 2. Transition Noise Cross Plot
FEATURES
Low Cost
Low Transition Noise between Code
12-Bit Accurate
1/2 LSB Nonlinearity Error over Temperature
No Missing Codes at All Temperatures
10
s Conversion Time
Internal or External Clock
8- or 16-Bit Data Bus Compatible
Improved ESD Resistant Design
Latchup Resistant Epi-CMOS Processing
Low 95 mW Power Consumption
Space-Saving 24-Lead 0.3" DIP, or 24-Lead SOIC
APPLICATIONS
Data Acquisition Systems
DSP System Front End
Process Control Systems
Portable Instrumentation
GENERAL DESCRIPTION
The ADC912A is a monolithic 12-bit accurate CMOS A/D
converter. It contains a complete successive-approximation A/D
converter built with a high-accuracy D/A converter, a precision
bipolar transistor high-speed comparator, and successive-
approximation logic including three-state bus interface for logic
compatibility. The accuracy of the ADC912A results from the
addition of precision bipolar transistors to Analog Devices’
advanced-oxide isolated silicon-gate CMOS process. Particular
attention was paid to the reduction of transition noise between
adjacent codes achieving a 1/6 LSB uncertainty. The low noise
design produces the same digital output for dc analog inputs
not located at a transition voltage, see Figures 1 and 2. NPN
digital output transistors provide excellent bus interface timing,
125 ns access and bus disconnect time which results in faster
data transfer without the need for wait states. An external
1.25 MHz clock provides a 10
µs conversion time.
In stand-alone applications an internal clock can be used with
external crystal.
An external negative five-volt reference sets the 0 V to 10 V
input range. Plus 5 V and minus 12 V power supplies result in
95 mW of total power consumption.
256
0
64
128
192
2045
2049
2048
2047
2046
256 SUCCESSIVE
CONVERSIONS
WITH
AIN = 4.99756V
OUTPUT CODE – Decimal
Figure 1. Code Repetition


Similar Part No. - ADC912A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC912A AD-ADC912A_15 Datasheet
225Kb / 16P
CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
More results

Similar Description - ADC912A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD767 AD-AD767 Datasheet
289Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV.A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
12-Bit, Microprocessor- Compatible A/D Converter
November 2000
logo
Analog Devices
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
ADC912A AD-ADC912A_15 Datasheet
225Kb / 16P
CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com