Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT40 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NPT40
Description  Medical and ITE Safety Approvals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NPT40 Datasheet(HTML) 2 Page - Emerson Network Power

  NPT40 Datasheet HTML 1Page - Emerson Network Power NPT40 Datasheet HTML 2Page - Emerson Network Power NPT40 Datasheet HTML 3Page - Emerson Network Power NPT40 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 10.19.11_160
NPT40-M Series
2 of 3
Embedded Power for
Business-Critical Continuity
EnvironmentalSpecifications
Operatingtemperature:
0°to50°Cambientderateeachoutputat2.5%perdegreefrom50°Cto80°C.-20°Cstartup
Storagetemperature:
-45°Cto+85°C
Electromagneticsusceptibility: DesignedtomeetEN61000-4;-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to90%RH
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
MechanicalDrawing
1.10"
(28)
BARCODE
SERIAL LABEL
GRD TAB
(CN1)
PIN 1
SK1
PIN 2
MODEL LABEL
SK2
RoHS LABEL
4.00"
(101.6)
3.73"
(94.6)
4.0 MOUNTING HOLE
4 PLACES
1
6
0.96"
(24.4)
.063"
(1.6)
0.197” (5.0) MINIMUM STANDOFF HEIGHT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com