Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F405RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 42Page - STMicroelectronics STM32F405RG Datasheet HTML 43Page - STMicroelectronics STM32F405RG Datasheet HTML 44Page - STMicroelectronics STM32F405RG Datasheet HTML 45Page - STMicroelectronics STM32F405RG Datasheet HTML 46Page - STMicroelectronics STM32F405RG Datasheet HTML 47Page - STMicroelectronics STM32F405RG Datasheet HTML 48Page - STMicroelectronics STM32F405RG Datasheet HTML 49Page - STMicroelectronics STM32F405RG Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 180 page
background image
Pinouts and pin description
STM32F405xx, STM32F407xx
46/180
Doc ID 022152 Rev 3
-
C9 10 16G222
VSS
S
-
B8 11 17G323
VDD
S
--
-
18
K2
24
PF6
I/O
FT
(4)
TIM10_CH1 /
FSMC_NIORD/
EVENTOUT
ADC3_IN4
--
-
19
K1
25
PF7
I/O
FT
(4)
TIM11_CH1/FSMC_NREG/
EVENTOUT
ADC3_IN5
--
-
20
L3
26
PF8
I/O
FT
(4)
TIM13_CH1 /
FSMC_NIOWR/
EVENTOUT
ADC3_IN6
--
-
21
L2
27
PF9
I/O
FT
(4)
TIM14_CH1 / FSMC_CD/
EVENTOUT
ADC3_IN7
-
-
-
22
L1
28
PF10
I/O
FT
(4)
FSMC_INTR/ EVENTOUT
ADC3_IN8
5 F10 12 23
G1
29
PH0-OSC_IN
(PH0)
I/O
FT
EVENTOUT
OSC_IN(4)
6F9 13 24
H1
30
PH1-OSC_OUT
(PH1)
I/O
FT
EVENTOUT
OSC_OUT(4)
7 G10 14 25
J1
31
NRST
I/O RST
8 E10 15 26
M2
32
PC0
I/O
FT
(4)
OTG_HS_ULPI_STP/
EVENTOUT
ADC123_IN10
9
-
16 27
M3
33
PC1
I/O
FT
(4)
ETH_MDC/ EVENTOUT
ADC123_IN11
10 D10 17 28
M4
34
PC2
I/O
FT
(4)
SPI2_MISO /
OTG_HS_ULPI_DIR /
TH_MII_TXD2
/I2S2ext_SD/ EVENTOUT
ADC123_IN12
11 E9 18 29
M5
35
PC3
I/O
FT
(4)
SPI2_MOSI / I2S2_SD /
OTG_HS_ULPI_NXT /
ETH_MII_TX_CLK/
EVENTOUT
ADC123_IN13
-
-
19 30
G3
36
VDD
S
12 H10 20 31
M1
37
VSSA
S
--
-
-
N1
-
VREF–
S
-
-
21 32
P1
38
VREF+
S
13 G9 22 33
R1
39
VDDA
S
Table 6.
STM32F40x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com