Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407ZE Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32F407ZE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407ZE Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32F407ZE Datasheet HTML 172Page - STMicroelectronics STM32F407ZE Datasheet HTML 173Page - STMicroelectronics STM32F407ZE Datasheet HTML 174Page - STMicroelectronics STM32F407ZE Datasheet HTML 175Page - STMicroelectronics STM32F407ZE Datasheet HTML 176Page - STMicroelectronics STM32F407ZE Datasheet HTML 177Page - STMicroelectronics STM32F407ZE Datasheet HTML 178Page - STMicroelectronics STM32F407ZE Datasheet HTML 179Page - STMicroelectronics STM32F407ZE Datasheet HTML 180Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 176 / 180 page
background image
Revision history
STM32F405xx, STM32F407xx
176/180
Doc ID 022152 Rev 3
24-Jan-2012
2
(continued)
Added V12 in Table 18: Embedded reset and power control block
characteristics.
Updated Table 19: Typical and maximum current consumption in Run
mode, code with data processing running from Flash memory (ART
accelerator disabled) and Table 20: Typical and maximum current
consumption in Run mode, code with data processing running from
Flash memory (ART accelerator enabled) or RAM. Added Figure ,
Figure 23, Figure 24, and Figure 25.
Updated Table 21: Typical and maximum current consumption in Sleep
mode and removed Note 1.
Updated Table 22: Typical and maximum current consumptions in Stop
mode and Table 23: Typical and maximum current consumptions in
Standby mode, Table 24: Typical and maximum current consumptions
in VBAT mode, and Table 25: Switching output I/O current consumption.
Section : On-chip peripheral current consumption: modified conditions,
and updated Table 26: Peripheral current consumption and Note 2.
Changed fHSE_ext to 50 MHz and tr(HSE)/tf(HSE) maximum value in
Table 28: High-speed external user clock characteristics.
Added Cin(LSE) in Table 29: Low-speed external user clock
characteristics.
Updated maximum PLL input clock frequency, removed related note,
and deleted jitter for MCO for RMII Ethernet typical value in Table 34:
Main PLL characteristics. Updated maximum PLLI2S input clock
frequency and removed related note in Table 35: PLLI2S (audio PLL)
characteristics.
Updated Section : Flash memory to specify that the devices are
shipped to customers with the Flash memory erased. Updated
Table 37: Flash memory characteristics, and added tME in Table 38:
Flash memory programming.
Updated Table 41: EMS characteristics, and Table 42: EMI
characteristics.
Updated Table 55: I2S characteristics
Updated Figure 44: ULPI timing diagram and Table 62: ULPI timing.
Added tCOUNTER and tMAX_COUNT in Table 50: Characteristics of TIMx
connected to the APB1 domain and Table 51: Characteristics of TIMx
connected to the APB2 domain. Updated Table 65: Dynamics
characteristics: Ethernet MAC signals for RMII.
Removed USB-IF certification in Section : USB OTG FS
characteristics.
Table 97.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com