Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407ZE Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32F407ZE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407ZE Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32F407ZE Datasheet HTML 172Page - STMicroelectronics STM32F407ZE Datasheet HTML 173Page - STMicroelectronics STM32F407ZE Datasheet HTML 174Page - STMicroelectronics STM32F407ZE Datasheet HTML 175Page - STMicroelectronics STM32F407ZE Datasheet HTML 176Page - STMicroelectronics STM32F407ZE Datasheet HTML 177Page - STMicroelectronics STM32F407ZE Datasheet HTML 178Page - STMicroelectronics STM32F407ZE Datasheet HTML 179Page - STMicroelectronics STM32F407ZE Datasheet HTML 180Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 177 / 180 page
background image
STM32F405xx, STM32F407xx
Revision history
Doc ID 022152 Rev 3
177/180
24-Jan-2012
2
(continued)
Updated Table 59: USB FS clock timing parameters and Table 61: USB
HS clock timing parameters
Updated Table 67: ADC characteristics.
Updated Table 68: ADC accuracy at fADC = 30 MHz.
Updated Note 1 in Table 72: DAC characteristics.
Section 5.3.25: FSMC characteristics: updated Table 73 toTable 84,
changed CL value to 30 pF, and modified FSMC configuration for
asynchronous timings and waveforms. Updated Figure 58:
Synchronous multiplexed PSRAM write timings.
Updated Table 94: Package thermal characteristics.
Appendix A.3: USB OTG full speed (FS) interface solutions: modified
Figure 85: USB controller configured as peripheral-only and used in
Full speed mode added Note 2, updated Figure 86: USB controller
configured as host-only and used in full speed mode and added
Note 2, changed Figure 87: USB controller configured in dual mode
and used in full speed mode and added Note 3.
Appendix A.4: USB OTG high speed (HS) interface solutions: removed
figures USB OTG HS device-only connection in FS mode and USB
OTG HS host-only connection in FS mode, and updated Figure 88:
USB controller configured as peripheral, host, or dual-mode and used
in high speed mode and added Note 2.
Added Appendix A.6: Ethernet interface solutions.
Table 97.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com