Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02808PBTV/QMLH Datasheet(PDF) 11 Page - Analog Devices

Part # ADDC02808PBTV/QMLH
Description  28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02808PBTV/QMLH Datasheet(HTML) 11 Page - Analog Devices

Back Button ADDC02808PBTV/QMLH Datasheet HTML 7Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 8Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 9Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 10Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 11Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 12Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 13Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 14Page - Analog Devices ADDC02808PBTV/QMLH Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADDC02808PB
REV. A
–11–
Even when the load current steps down to 0.1 A, the maximum
deviation of the output voltage is only about 400 mV, or 5%.
However, it is important to realize that if the next power pulse
occurs before this transient is over, then the output voltage will
not have the response depicted in the last section. This is be-
cause the feedback integrator will not have had time to return
to its normal state, and so the converter’s ability to respond to a
positive step change in load current will be reduced. The maxi-
mum negative going deviation in the output voltage under this
circumstance will then be greater than is shown in the figures of
that section.
Should this situation arise, one approach would be to step the
load current down to an intermediate value (e.g., 4 A) at the
end of the power pulse, and then let this current decay to a
smaller value (e.g., 0.1 A) with a time constant in the 100
µs to
200
µs range. This should permit a rapid return to a steady state
condition at the end of the power pulse without requiring a large
average load current during the low power portion of the cycle.
PIN CONNECTIONS
Pins 1 and 2 ( SENSE)
Pins 1 and 2 must always be connected for proper operation,
although failure to make these connections will not be cata-
strophic to the converter under normal operating conditions.
Pin 1 must always be connected to the output return and Pin 2
must always be connected to +VOUT. These connections can
be made at any one of the output pins of the converter, or
remotely at the load. A remote connection at the load can
adjust for voltage drops of as much as 0.25 V dc between the
converter and the load.
Long remote sense leads can affect converter stability, although
this condition is rare. The impedance of the long power leads
between the converter and the remote sense point could affect
the converter’s unity gain crossover frequency and phase margin.
Consult factory if long remote sense leads are to be used.
Pin 3 (ADJUST)
An adjustment pin is provided so that the user can change the
nominal output voltage during the prototype stage. Since very
low temperature coefficient resistors are used to set the output
voltage and maintain tight regulation over temperature, using
standard external resistors to adjust the output voltage will
loosen output regulation over temperature. Furthermore, since
the status trip point is not changed when the output voltage is
adjusted using external resistors, the status line will no longer
trip at the standard levels of the newly adjusted output voltage.
If necessary, modified standard units can be ordered with the
necessary changes made inside the package at the factory. The
ADJUST function is sensitive to noise, and care should be
taken in the routing of connections.
To make the output voltage higher, place a resistor from AD-
JUST (Pin 3) to –SENSE (Pin 1). To make the output voltage
lower, place a resistor from ADJUST (Pin 3) to +SENSE (Pin
2). Figures 30 and 31 show resistor values for a
±5% change in
output voltage.
With regard to the range that the output voltage can be adjusted
by the user, there are two concerns. As the output voltage is
raised it may become difficult to maintain regulation at full
power and low input voltage. As the output voltage is lowered,
it may become difficult to maintain regulation at minimum
power and high input line.
OUTPUT VOLTAGE – %
8
7
1
99
95
98
97
96
5
4
3
2
6
Figure 30. External Resistor Value for Reducing Output
Voltage
OUTPUT VOLTAGE – %
5
4
0
101
105
102
103
104
3
2
1
Figure 31. External Resistor for Increasing Output Voltage
Pin 4 (STATUS)
Pin 4 is active high referenced to –SENSE (Pin 1), indicating
that the output voltage is typically within
±5%. The pin is both
pulled up and down by internal circuitry. Figures 32 and 33
show the typical source and sink capabilities of the status out-
put. Refer to the paragraphs describing Pin 3 (ADJUST) for
effect on status trip point.
IOH – mA
5
4
0
0.2
1.6
0.4
0.6
0.8
1.0
1.2
1.4
3
2
1
Figure 32. Source Capability of Status Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com