Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG333A Datasheet(PDF) 1 Page - Analog Devices

Part # ADG333A
Description  Quad SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG333A Datasheet(HTML) 1 Page - Analog Devices

  ADG333A Datasheet HTML 1Page - Analog Devices ADG333A Datasheet HTML 2Page - Analog Devices ADG333A Datasheet HTML 3Page - Analog Devices ADG333A Datasheet HTML 4Page - Analog Devices ADG333A Datasheet HTML 5Page - Analog Devices ADG333A Datasheet HTML 6Page - Analog Devices ADG333A Datasheet HTML 7Page - Analog Devices ADG333A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
S1A
D1
S1B
IN1
IN2
S2B
D2
S2A
S3A
D3
S3B
IN3
IN4
S4B
D2
S4A
ADG333A
SWITCHES SHOWN FOR A LOGIC “1” INPUT
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Quad SPDT Switch
ADG333A
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
44 V Supply Maximum Ratings
VSS to VDD Analog Signal Range
Low On Resistance (45
max)
Low
∆R
ON (5
max)
Low RON Match (4
max)
Low Power Dissipation
Fast Switching Times
tON < 175 ns
tOFF < 145 ns
Low Leakage Currents (5 nA max)
Low Charge Injection (10 pC max)
Break-Before-Make Switching Action
APPLICATIONS
Audio and Video Switching
Battery Powered Systems
Test Equipment
Communication Systems
GENERAL DESCRIPTION
The ADG333A is a monolithic CMOS device comprising four
independently selectable SPDT switches. It is designed on an
LC
2MOS process which provides low power dissipation yet
achieves a high switching speed and a low on resistance.
The on resistance profile is very flat over the full analog input
range ensuring good linearity and low distortion when switching
audio signals. High switching speed also makes the part suitable
for video signal switching. CMOS construction ensures ultralow
power dissipation making the part ideally suited for portable,
battery powered instruments.
When they are ON, each switch conducts equally well in both
directions and has an input signal range which extends to the
power supplies. In the OFF condition, signal levels up to the
supplies are blocked. All switches exhibit break-before-make
switching action for use in multiplexer applications. Inherent in
the design is low charge injection for minimum transients when
switching the digital inputs.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG333A is fabricated on an enhanced LC2MOS
process, giving an increased signal range which extends
to the supply rails.
2. Low Power Dissipation
3. Low RON
4. Single Supply Operation
For applications where the analog signal is unipolar,
the ADG333A can be operated from a single rail power
supply. The part is fully specified with a single +12 V
supply.


Similar Part No. - ADG333A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG333A AD-ADG333A Datasheet
247Kb / 13P
Quad SPDT Switch
Rev. B
ADG333ABN AD-ADG333ABN Datasheet
317Kb / 12P
Quad SPDT Switch
REV. A
ADG333ABNZ AD-ADG333ABNZ Datasheet
247Kb / 13P
Quad SPDT Switch
Rev. B
ADG333ABR AD-ADG333ABR Datasheet
317Kb / 12P
Quad SPDT Switch
REV. A
ADG333ABR AD-ADG333ABR Datasheet
247Kb / 13P
Quad SPDT Switch
Rev. B
More results

Similar Description - ADG333A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
Precision Quad SPDT Analog Switch
06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
Precision Quad SPDT Analog Switch
31-Jan-11
logo
Analog Devices
ADG333A AD-ADG333A_05 Datasheet
317Kb / 12P
Quad SPDT Switch
REV. A
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
Precision Quad SPDT Analog Switch
05-Sep-11
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
Quad, SPDT Analog Switch
logo
Analog Devices
ADG333A AD-ADG333A_15 Datasheet
317Kb / 12P
Quad SPDT Switch
REV. A
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
Precision Quad SPDT Analog Switch
21-Sep-15
logo
Analog Devices
ADG333A AD-ADG333A_V01 Datasheet
247Kb / 13P
Quad SPDT Switch
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com