Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4111BCP Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4111BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4111BCP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4111BCP Datasheet HTML 16Page - Analog Devices ADF4111BCP Datasheet HTML 17Page - Analog Devices ADF4111BCP Datasheet HTML 18Page - Analog Devices ADF4111BCP Datasheet HTML 19Page - Analog Devices ADF4111BCP Datasheet HTML 20Page - Analog Devices ADF4111BCP Datasheet HTML 21Page - Analog Devices ADF4111BCP Datasheet HTML 22Page - Analog Devices ADF4111BCP Datasheet HTML 23Page - Analog Devices ADF4111BCP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–21–
VDD
VP
AVDD DVDD
ADF4110
ADF4111
ADF4112
ADF4113
VP
4.7k
VCO
VCC
GND
18
100pF
100pF
18
18
RFOUT
715
16
2
1
6
5
8
REFIN
51
100pF
34
9
100pF
RFINA
RFINB
DECOUPLING CAPACITORS AND INTERFACE SIGNALS HAVE
BEEN OMITTED FROM THE DIAGRAM TO AID CLARITY.
RSET
CP
CE
POWER-DOWN CONTROL
VDD
S
IN
D
GND
LOOP
FILTER
ADG701
FREFIN
Figure 31. Local Oscillator Shutdown Circuit
VDD
VP
AVDD DVDD
ADF4113
VP
2.8nF
680
130pF
3.3k
19nF
M3500-2235
VCC
18
100pF
100pF
18
18
RFOUT
7
15
16
2
14
6
5
8
1000pF 1000pF
51
REFIN
MUXOUT
LOCK
DETECT
51
100pF
3
4
9
100pF
RFINA
RFINB
CE
CLK
DATA
LE
DECOUPLING CAPACITORS ON AVDD, DVDD, VP OF THE ADF4113
AND ON VCC OF THE M3500-2250 HAVE BEEN OMITTED FROM
THE DIAGRAM TO AID CLARITY.
RSET
CP
4.7k
12V
V_TUNE
GND
20V
1k
AD820
3k
OUT
FREFIN
Figure 32. Wideband Phase Locked Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com