Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG417 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG417
Description  LC2MOS Precision Mini-DIP Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG417 Datasheet(HTML) 2 Page - Analog Devices

  ADG417 Datasheet HTML 1Page - Analog Devices ADG417 Datasheet HTML 2Page - Analog Devices ADG417 Datasheet HTML 3Page - Analog Devices ADG417 Datasheet HTML 4Page - Analog Devices ADG417 Datasheet HTML 5Page - Analog Devices ADG417 Datasheet HTML 6Page - Analog Devices ADG417 Datasheet HTML 7Page - Analog Devices ADG417 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
B Version
T Version
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+125 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
VSS to VDD
V
RON
25
25
Ω typ
VD = ± 12.5 V, IS = –10 mA
35
45
35
45
Ω max
VDD = +13.5 V, VSS = –13.5 V
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = –16.5 V
Source OFF Leakage IS (OFF)
±0.1
±0.1
nA typ
VD = ± 15.5 V, VS =
15.5 V;
±0.25
±5
±0.25
±15
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.1
±0.1
nA typ
VD = ± 15.5 V, VS =
15.5 V;
±0.25
±5
±0.25
±15
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.1
±0.1
nA typ
VS = VD = ± 15.5 V;
±0.4
±5
±0.4
±30
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±0.005
±0.005
µA typ
VIN = VINL or VINH
±0.5
±0.5
µA max
DYNAMIC CHARACTERISTICS
2
tON
100
100
ns typ
RL = 300 Ω, CL = 35 pF;
160
200
145
200
ns max
VS = ± 10 V; Test Circuit 4
tOFF
60
60
ns typ
RL = 300 Ω, CL = 35 pF;
100
150
100
150
ns max
VS = ± 10 V; Test Circuit 4
Charge Injection
7
7
pC typ
VS = 0 V, RL = 0 Ω,
CL = 10 nF; Test Circuit 5
OFF Isolation
80
80
dB typ
RL = 50 Ω, f = 1 MHz;
Test Circuit 6
CS (OFF)
6
6
pF typ
CD (OFF)
6
6
pF typ
CD, CS (ON)
55
55
pF typ
POWER REQUIREMENTS
VDD = +16.5 V, VSS = –16.5 V
IDD
0.0001
0.0001
µA typ
VIN = 0 V or 5 V
1
2.5
1
2.5
µA max
ISS
0.0001
0.0001
µA typ
1
2.5
1
2.5
µA max
IL
0.0001
0.0001
µA typ
VL = +5.5 V
1
2.5
1
2.5
µA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C; T Version: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
REV. A
–2–
ADG417–SPECIFICATIONS
Dual Supply1 (V
DD = +15 V
10%, VSS = –15 V
10%, VL = +5 V
10%, GND = 0 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com