Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG428 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG428
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428 Datasheet(HTML) 2 Page - Analog Devices

  ADG428 Datasheet HTML 1Page - Analog Devices ADG428 Datasheet HTML 2Page - Analog Devices ADG428 Datasheet HTML 3Page - Analog Devices ADG428 Datasheet HTML 4Page - Analog Devices ADG428 Datasheet HTML 5Page - Analog Devices ADG428 Datasheet HTML 6Page - Analog Devices ADG428 Datasheet HTML 7Page - Analog Devices ADG428 Datasheet HTML 8Page - Analog Devices ADG428 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
ADG428/ADG429–SPECIFICATIONS
DUAL SUPPLY1
B Version
T Version
–40 C to
–55 C to
Parameter
+25 C +85 C
+25 C +125 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
VSS to VDD
V
RON
60
60
Ω typ
VD =
±10 V, I
S = –1 mA
100
125
100
125
Ω max
∆R
ON
10
10
% max
–10 V < VS < 10 V, IS = –1 mA
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.03 ±0.3
±0.03 ±0.3
nA typ
VD =
±10 V, V
S =
10 V;
±0.5 ±50
±0.5 ±50
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
VD =
±10 V, V
S =
10 V;
ADG428
±0.07 ±0.7
±0.07 ±0.7
nA typ
Test Circuit 3
±1
±100
±1
±100
nA max
ADG429
±0.05 ±0.5
±0.05 ±0.5
nA typ
±1
±50
±1
±50
nA max
Channel ON Leakage ID, IS (ON)
VS = VD =
±10 V;
ADG428
±1
±100
±1
±100
nA max
Test Circuit 4
ADG429
±1
±50
±1
±50
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±0.1 ±1
±0.1 ±1
µA max V
IN = 0 or VDD
CIN, Digital Input Capacitance
8
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS2
tTRANSITION
110
110
ns typ
RL = 1 M
Ω, C
L = 35 pF;
250
300
250
300
ns max
VS1 =
±10 V, V
S8 =
10 V;
Test Circuit 5
tOPEN
10
10
ns min
RL = 1 k
Ω, C
L = 35 pF;
VS = +5 V; Test Circuit 6
tON (EN, WR)
115
115
ns typ
RL = 1 k
Ω, C
L = 35 pF;
150
225
150
225
ns max
VS = +5 V; Test Circuit 7
tOFF (EN, RS)
105
105
ns typ
RL = 1 k
Ω, C
L = 35 pF;
150
300
150
300
ns max
VS = +5 V; Test Circuit 7
tW, Write Pulsewidth
100
100
ns min
tS, Address, Enable Setup Time
100
100
ns min
tH, Address, Enable Hold Time
10
10
ns min
tRS, Reset Pulsewidth
100
100
ns min
VS = +5 V
Charge Injection
4
4
pC typ
VS = 0 V, RS = 0
Ω, C
L = 10 nF;
Test Circuit 10
OFF Isolation
–75
–75
dB typ
RL = 1 k
Ω, C
L = 15 pF, f = 100 kHz;
–60
–60
dB min
VS = 7 V rms, VEN = 0 V; Test Circuit 11
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 1 k
Ω, C
L = 15 pF, f = 100 kHz;
Test Circuit 12
CS (OFF)
11
11
pF typ
f = 1 MHz
CD (OFF)
f = 1 MHz
ADG428
40
40
pF typ
ADG429
20
20
pF typ
CD, CS (ON)
f = 1 MHz
ADG428
54
54
pF typ
ADG429
34
34
pF typ
POWER REQUIREMENTS
VIN = 0 V, VEN = 0 V
IDD
20
20
µA typ
100
100
µA max
ISS
0.001
0.001
µA typ
55
µA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C; T Version: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +15 V, VSS = –15 V, GND = 0 V, WR = 0 V, RS = 2.4 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com