Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG431 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG431
Description  LC2MOS Precision Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG431 Datasheet(HTML) 2 Page - Analog Devices

  ADG431 Datasheet HTML 1Page - Analog Devices ADG431 Datasheet HTML 2Page - Analog Devices ADG431 Datasheet HTML 3Page - Analog Devices ADG431 Datasheet HTML 4Page - Analog Devices ADG431 Datasheet HTML 5Page - Analog Devices ADG431 Datasheet HTML 6Page - Analog Devices ADG431 Datasheet HTML 7Page - Analog Devices ADG431 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADG431/ADG432/ADG433–SPECIFICATIONS
1
Dual Supply
B Versions
T Versions
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+125 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
VDD to VSS
V
RON
17
17
Ω typ
VD = ± 8.5 V, IS = –10 mA;
24
26
24
27
Ω max
VDD = +13.5 V, VSS = –13.5 V
RON vs. VD (VS)
15
15
% typ
RON Drift
0.5
0.5
%/
°C typ
RON Match
5
5
% typ
VD = 0 V, IS = –10 mA
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = –16.5 V
Source OFF Leakage IS (OFF)
±0.05
±0.05
nA typ
VD =
±15.5 V, V
S =
15.5 V;
±0.25
±2
±0.25
±15
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.05
±0.05
nA typ
VD =
±15.5 V, V
S =
15.5 V;
±0.25
±2
±0.25
±15
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.1
±0.1
nA typ
VD = VS =
±15.5 V;
±0.35
±3
±0.35
±17
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
0.005
0.005
µA typ
VIN = VINL or VINH
±0.02
±0.02
µA max
CIN Digital Input Capacitance
9
9
pF typ
DYNAMIC CHARACTERISTICS2
VDD = +15 V, VSS = –15 V
tON
90
90
ns typ
RL = 300 Ω, CL = 35 pF;
165
175
ns max
VS =
±10 V; Test Circuit 4
tOFF
60
60
ns typ
RL = 300
Ω, C
L = 35 pF;
130
145
ns max
VS =
±10 V; Test Circuit 4
Break-Before-Make Time Delay, tD 25
25
ns typ
RL = 300
Ω, C
L = 35 pF;
(ADG433 Only)
VS1 = VS2 = +10 V;
Test Circuit 5
Charge Injection
5
5
pC typ
VS = 0 V, RS = 0
Ω, C
L = 10 nF;
Test Circuit 6
OFF Isolation
68
68
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 7
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
CS (OFF)
9
9
pF typ
f = 1 MHz
CD (OFF)
9
9
pF typ
f = 1 MHz
CD, CS (ON)
35
35
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = –16.5 V
Digital Inputs = 0 V or 5 V
IDD
0.0001
0.0001
µA typ
0.1
0.2
0.1
0.2
µA max
ISS
0.0001
0.0001
µA typ
0.1
0.2
0.1
0.2
µA max
IL
0.0001
0.0001
µA typ
0.1
0.2
0.1
0.2
µA max
Power Dissipation
7.7
7.7
µW max
NOTES
1Temperature ranges are as follows: B Versions: –40
°C to +85°C; T Versions: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
REV. B
–2–
(VDD = +15 V
10%, VSS = –15 V
10%, VL = +5 V
10%, GND = O V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com