Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBMS11W1PY101 Datasheet(PDF) 32 Page - ITT Industries

Part # DBMS11W1PY101
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMS11W1PY101 Datasheet(HTML) 32 Page - ITT Industries

Back Button DBMS11W1PY101 Datasheet HTML 28Page - ITT Industries DBMS11W1PY101 Datasheet HTML 29Page - ITT Industries DBMS11W1PY101 Datasheet HTML 30Page - ITT Industries DBMS11W1PY101 Datasheet HTML 31Page - ITT Industries DBMS11W1PY101 Datasheet HTML 32Page - ITT Industries DBMS11W1PY101 Datasheet HTML 33Page - ITT Industries DBMS11W1PY101 Datasheet HTML 34Page - ITT Industries DBMS11W1PY101 Datasheet HTML 35Page - ITT Industries DBMS11W1PY101 Datasheet HTML 36Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Cannon Combo D® Coax 90° PCB Receptacle DD
Military/High Reliability
Coaxial 90° PCB Receptacle, Size DD, with metal bracket
C-32
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
INDUSTRIAL – US
INDUSTRIAL – EU**
MILITARY/HI-REL – US
NON-MAGNETIC/LOW OUTGASSING – US***
75 Ohm* coax inserted with
75 Ohm* coax inserted with
75 Ohm* coax inserted with
75 Ohm* coax inserted with
US Footprint metal bracket
EU Footprint metal bracket
US Footprint metal bracket
US Footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DD
24W7
DDMP24C7S-JA197
DDMC24C7S-JA197
DDMP24C7S-VA197
DDMC24C7S-VA197
DDMMD24X7S-J
DDMMG24X2S-J
DDM24X7S-JNMBK52
DD
36W4
DDMP36C4S-JA197
DDMC36C4S-JA197
DDMP36C4S-VA197
DDMC36C4S-VA197
DDMMD36X4S-J
DDMMG36X1S-J
DDM36X4S-JNMBK52
DD
43W2
DDMP43C2S-JA197
DDMC43C2S-JA197
DDMP43C2S-VA197
DDMC43C2S-VA197
DDMMD43X2S-J
DDMMG43X2S-J
DDM43X2S-JNMBK52
DD
47W1
DDMP47C1S-JA197
DDMC47C1S-JA197
DDMP47C1S-VA197
DDMC47C1S-VA197
DDMMD47X1S-J
DDMMG47X1S-J
DDM47X1S-JNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DCM13C6 becomes DCM13X6S-JA197
**For M-3 and other hardware options, see Combo D Catalog.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog..
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2,406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Dimensions
US version shown – for EU version, please see Combo D Catalog.
For 50 ohm coaxial version, see Combo D Catalog.
Note: Dimension varies with alternate bracket configuration.
Receptacle
Engaging Face
Screw lock, boardlock, and coaxial contacts
removed for clarity
Screw lock, boardlock, and signal contacts
removed for clarity
W
F
5,68
(.224)
11,53 ± 0,25
(.454 ± .010)
4,33 ± 0,38
(.170 ± .015)
2,84 (.112)
RIVNUT
#4-40 UNC
L
3,89 (.153)
MIN
0,56
(.023)
Ø 0,51
(.020)
2,54
(.100)
11,94 ± 0,33
(.470 ± .013)
A
C
B
Ø 0,76
(.030)
0,82
(.032)
10°
E
2,92
(.115)
D
BOARDLOCK
6,50 ± 0,25
(.256 ± .010)
13,74
(.541)
10,06
(.396)
BRACKET,
METAL
SCREW LOCK
#4-40 UNC
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com