Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR301 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FR301
Description  Fast switching for high efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FR301 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FR301 Datasheet HTML 1Page - DIOTEC Electronics Corporation FR301 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR101 THRU FR107
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Characteristic
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 0.33 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
DO-41
0.107(2.7)
0.080(2.0)
DIA.
0.034(0.9)
0.028(0.7)
DIA.
1.0 (25.4)
MIN.
0.205(5.2)
0.166(4.2)
1.0 (25.4)
MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
CJ
TJ,TSTG
50.0
15.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
FR
101
FR
102
FR
103
FR
104
FR
105
FR
106
FR
107
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
µA
R JA
●
●
●
●
●
●


Similar Part No. - FR301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
3.0A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR301 ZOWIE-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR301 RECTRON-FR301 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR301 JGD-FR301 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR301 BYTES-FR301 Datasheet
152Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR301

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1F1 DEC-1F1 Datasheet
961Kb / 2P
Fast switching for high efficiency
1N4933 DEC-1N4933_10 Datasheet
891Kb / 2P
Fast switching for high efficiency
FR101 DEC-FR101 Datasheet
670Kb / 2P
Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
Fast switching for high efficiency
FR1001 DEC-FR1001 Datasheet
670Kb / 2P
Fast switching for high efficiency
FS11FL DEC-FS11FL Datasheet
600Kb / 2P
Fast switching for high efficiency
RS2A DEC-RS2A Datasheet
672Kb / 2P
Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
Fast switching for high efficiency
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
Fast switching for high efficiency
logo
Sangdest Microelectroni...
RS12AL SMC-RS12AL Datasheet
117Kb / 5P
Fast switching for high efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com