Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG608 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG608
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608 Datasheet(HTML) 3 Page - Analog Devices

  ADG608 Datasheet HTML 1Page - Analog Devices ADG608 Datasheet HTML 2Page - Analog Devices ADG608 Datasheet HTML 3Page - Analog Devices ADG608 Datasheet HTML 4Page - Analog Devices ADG608 Datasheet HTML 5Page - Analog Devices ADG608 Datasheet HTML 6Page - Analog Devices ADG608 Datasheet HTML 7Page - Analog Devices ADG608 Datasheet HTML 8Page - Analog Devices ADG608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Parameter
B Version
T Version
+25 C
–40 C to
+25 C –55 C to
Test Conditions/
+85 C
+125 C
Units
Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
0 to VDD
V
RON
40
40
Ω typ
VS = +3.5 V, IS = –1 mA;
50
60
50
70
Ω max
VDD = +4.5 V;
Test Circuit 1
∆R
ON
56
5
6
Ω max
+1 V < VS < +3 V, IDS = –1 mA;
VDD = +5 V
RON Match
2
3
2
3
Ω max
VS = 0 V, IDS = –1 mA;
VDD = +5 V
LEAKAGE CURRENTS
VDD = +5.5 V
Source OFF Leakage IS (OFF)
±0.05
±0.05
nA typ
VD = 4.5 V/0.1 V, VS = 0.1 V/4.5 V;
±0.5
±2
±0.5
±10
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.05
±0.05
nA typ
VD = 4.5 V/0.1 V, VS = 0.1 V/4.5 V;
ADG608
±0.5
±2
±0.5
±10
nA max
Test Circuit 3
ADG609
±0.5
±1
±0.5
±5
nA max
Channel ON Leakage ID, IS (ON)
±0.05
±0.05
nA typ
VS = VD = 4.5 V/0.1 V;
ADG608
±0.5
±3
±0.5
±20
nA max
Test Circuit 4
ADG609
±0.5
±1.5
±0.5
±10
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±1
±1
µA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
5
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
80
80
ns typ
RL = 300 Ω, CL = 35 pF;
100
130
100
150
ns max
VS1 = 3.5 V/0 V, VS8 = 0 V/3.5 V;
Test Circuit 5
tOPEN
10
10
ns min
RL = 300 Ω, CL = 35 pF;
VS = +3.5 V; Test Circuit 6
tON (EN)
80
80
ns typ
RL = 300 Ω, CL = 35 pF;
100
130
100
150
ns max
VS = +3.5 V; Test Circuit 7
tOFF (EN)
40
40
ns typ
RL = 300 Ω, CL = 35 pF;
50
60
50
75
ns max
VS = +3.5 V; Test Circuit 7
Charge Injection
0.5
0.5
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
3
3
pC max
Test Circuit 8
OFF Isolation
85
85
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz;
VS = 1.5 V rms; Test Circuit 9
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz;
Test Circuit 10
CS (OFF)
9
9
pF typ
CD (OFF)
ADG608
40
40
pF typ
ADG609
20
20
pF typ
CD (ON)
ADG608
54
54
pF typ
ADG609
34
34
pF typ
POWER REQUIREMENTS
IDD
0.05
0.2
0.05
0.2
µA typ
VIN = 0 V or VDD
0.2
2
0.2
2
µA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C; T Version: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
SINGLE SUPPLY
1
(VDD = +5 V
10%, VSS = 0 V, GND = 0 V, unless otherwise noted)
ADG608/ADG609
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com