Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE512PJB335MSZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AE512PJB335MSZ
Description  Outgassing Compliant Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE512PJB335MSZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  AE512PJB335MSZ Datasheet HTML 1Page - Coilcraft lnc. AE512PJB335MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
AE512PJBSeries(6235)
6235 POWER INDUCTORS
Document AE587-2 Revised 06/07/11
Typical L vs Current
Typical L vs Frequency
Typical Current Derating
Dimensions are in
inches
mm
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
3300 µH
10 µH
33 µH
1000 µH
330 µH
100 µH
1
10
10000
1000
100
0.01
0.1
110
Current (A)
33 µH
330 µH
1000 µH
3300 µH
100 µH
10 µH
†
Height dimension is after mounting. For
maximum height dimension before
mounting, add 0.006 in / 0,152 mm.
†
0.236 ±0.003
6,00 ±0,076
0.236 ±0.003
6,00 ±0,076
0.167
4,25
0.167
4,25
0.079
2,00
0.079
2,00
0.260
6,60
0.260
6,60
0.071
1,80
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.005 in/ 0,13 mm.
*
Recommended
Land Pattern
0.165
4,20
0.165
4,20
0.039
1,00
typ
typ
0.039
1,00
0.138 ±0.004
3,5 ±0,10
Ambient temperature (°C)
Isat
Irms
-40
-55
-20
020406080
100
160
140
120
120
110
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com