Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE563PKA123MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE563PKA123MSZ
Description  Outgassing Compliant Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE563PKA123MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE563PKA123MSZ Datasheet HTML 1Page - Coilcraft lnc. AE563PKA123MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
OutgassingCompliantPowerInductorsAE563PKA
3316 POWER INDUCTOR
Core material Ferrite
Terminations Tin-lead (63/37) over copper
Weight 0.95 – 1.25 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 750 per 13
″ reel
Plastic tape: 24 mm wide, 0.35 mm thick, 12 mm pocket spacing,
6.4 mm pocket depth
■
High temperature materials allow operation in ambient
temperatures up to 155°C.
■
Tin-lead (Sn-Pb) soldered self-leaded construction for
excellent solderability.
■
Passes NASA low outgassing specifications
■
Very low DCR values and excellent current handling
1. When ordering, specify
testing code:
AE563PKA301MSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz,
0.1 Vrms, 0 Adc using an Agilent/HP
4263B LCR meter or equivalent.
3. SRF measured using Agilent/
HP 8753D network analyzer or
equivalent..
4. Typical DC current at which the
inductance drops 10% (typ) from its
value without current.
5. Typical Current that causes a 40°C
temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface
Mount Components” before soldering.
DCR
SRF
Isat (A)4
Irms (A)5
Inductance2
(mOhm)
(MHz)3
10%
20%
30%
20°C
40°C
Part number1
±20% (µH)
typ
max
min
typ
drop
drop
drop
rise
rise
AE563PKA301MSZ
0.3
2.6
3.0
200
238
14.0
16.0
17.0
8.0
12.0
AE563PKA901MSZ
0.9
5.1
6.0
122
153
8.6
10.2
10.9
6.1
8.8
AE563PKA122MSZ
1.2
5.1
6.0
100
125
7.0
8.4
9.3
3.4
5.6
AE563PKA182MSZ
1.8
7.7
9.0
86
108
6.2
7.4
8.1
3.2
5.0
AE563PKA222MSZ
2.2
6.8
10
74
92
6.0
6.7
7.2
2.9
4.5
AE563PKA272MSZ
2.7
9.4
11
63
79
5.1
6.0
6.4
2.7
4.2
AE563PKA332MSZ
3.3
11.1
13
57
71
4.7
5.5
6.0
2.4
4.0
AE563PKA392MSZ
3.9
15.3
18
54
68
4.3
5.2
5.5
2.4
4.0
AE563PKA472MSZ
4.7
20.4
24
46
57
4.0
4.4
4.8
2.4
3.7
AE563PKA562MSZ
5.6
21.3
25
43
53
3.6
4.1
4.4
2.2
3.3
AE563PKA682MSZ
6.8
25.5
30
38
48
3.3
3.7
4.0
2.2
3.3
AE563PKA822MSZ
8.2
29.8
35
35
44
2.9
3.4
3.7
2.2
3.2
AE563PKA103MSZ
10
32.3
38
30
38
2.7
3.1
3.4
2.1
3.1
AE563PKA123MSZ
12
40.8
48
26
33
2.5
2.9
3.1
1.7
2.7
AE563PKA153MSZ
15
49.3
58
25
31
2.2
2.5
2.8
1.9
2.6
AE563PKA183MSZ
18
59.5
70
21
27
2.1
2.4
2.6
1.9
2.5
AE563PKA223MSZ
22
72.3
85
20
25
1.9
2.1
2.3
1.8
2.4
AE563PKA273MSZ
27
85
100
19
24
1.7
1.9
2.1
1.3
1.9
AE563PKA333MSZ
33
109
128
16
20
1.5
1.7
1.9
1.3
1.8
AE563PKA393MSZ
39
116
136
14
18
1.3
1.5
1.7
1.3
1.8
AE563PKA473MSZ
47
146
172
12
15
1.2
1.4
1.5
1.1
1.5
AE563PKA563MSZ
56
170
200
11
14
1.1
1.3
1.4
0.9
1.3
AE563PKA683MSZ
68
221
260
10
13
0.85
1.2
1.3
0.82
1.2
AE563PKA823MSZ
82
264
310
9.5
12
0.82
1.1
1.2
0.81
1.2
AE563PKA104MSZ
100
306
360
8.3
10
0.80
0.96
1.1
0.80
1.1
AE563PKA124MSZ
120
384
452
8.3
10
0.70
0.85
0.98
0.68
0.90
AE563PKA154MSZ
150
432
508
7.0
8.7
0.65
0.80
0.86
0.63
0.87
AE563PKA184MSZ
180
525
618
6.0
7.5
0.62
0.70
0.80
0.54
0.76
AE563PKA224MSZ
220
618
727
5.3
6.6
0.50
0.70
0.65
0.53
0.73
AE563PKA274MSZ
270
819
963
4.6
5.8
0.44
0.54
0.62
0.43
0.62
AE563PKA334MSZ
330
935
1100
4.4
5.5
0.42
0.48
0.58
0.41
0.57
AE563PKA394MSZ
390
1105
1300
3.9
4.8
0.41
0.46
0.53
0.38
0.53
AE563PKA474MSZ
470
1360
1600
3.6
4.3
0.35
0.44
0.48
0.34
0.47
Document AE196-1 Revised 04/22/11


Similar Part No. - AE563PKA123MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE566PNB COILCRAFT-AE566PNB Datasheet
357Kb / 2P
Outgassing Compliant Power Inductors
AE566PNB102MSZ COILCRAFT-AE566PNB102MSZ Datasheet
357Kb / 2P
Outgassing Compliant Power Inductors
AE566PNB103MSZ COILCRAFT-AE566PNB103MSZ Datasheet
357Kb / 2P
Outgassing Compliant Power Inductors
AE566PNB104MSZ COILCRAFT-AE566PNB104MSZ Datasheet
357Kb / 2P
Outgassing Compliant Power Inductors
AE566PNB105KSZ COILCRAFT-AE566PNB105KSZ Datasheet
357Kb / 2P
Outgassing Compliant Power Inductors
More results

Similar Description - AE563PKA123MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
Outgassing Compliant Power Inductors
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
Outgassing Compliant Power Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
Outgassing Compliant Power Inductors
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
Outgassing Compliant Power Inductors
AE512PYA COILCRAFT-AE512PYA Datasheet
288Kb / 3P
Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
Outgassing Compliant Power Inductors
AE524PYA COILCRAFT-AE524PYA Datasheet
286Kb / 3P
Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com