Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT524PYA302MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AT524PYA302MLZ
Description  200째C Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AT524PYA302MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AT524PYA302MLZ Datasheet HTML 1Page - Coilcraft lnc. AT524PYA302MLZ Datasheet HTML 2Page - Coilcraft lnc. AT524PYA302MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
200°CPowerInductors AT524PYA
200°C POWER INDUCTORS
Inductance2
DCR (mOhms)3
SRF (MHz)4
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
Isat (A)5
20°C rise
40°C rise
AT524PYA681MLZ
0.68
3.10
3.41
47
59
23
9.5
12.5
AT524PYA102MLZ
1.0
3.81
4.19
37
47
21
8.7
11.5
AT524PYA182MLZ
1.8
5.30
5.83
28
36
18.1
7.0
9.0
AT524PYA222MLZ
2.2
6.00
6.60
24
31
16.4
6.5
8.5
AT524PYA302MLZ
3.0
7.45
8.19
20
26
14.6
6.0
8.0
AT524PYA472MLZ
4.7
14.90
16.40
16
21
10.5
3.5
5.0
AT524PYA562MLZ
5.6
16.22
17.84
16
20
9.9
3.5
5.0
AT524PYA682MLZ
6.8
18.90
20.80
14
18
9.2
3.5
4.5
AT524PYA822MLZ
8.2
24.00
26.40
12
16
8.4
3.0
4.0
AT524PYA103MLZ
10
27.00
29.82
11
14
7.6
2.5
3.5
AT524PYA153MLZ
15
39.77
43.75
8.8
11
5.8
2.3
3.0
AT524PYA223MLZ
22
55.12
60.63
7.2
9
5.6
1.8
2.5
Terminations Tin-silver (96.5/3.5) over copper.
Core material Composite
Weight 1.2 – 1.3 g
Ambient temperature –55°C to +150°C with Irms current, +150°C
to +200°C with derated current
Storage temperature Component: –55°C to +200°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 400/7
″reel
Plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing,
3.12 mm pocket depth
1. When ordering, please specify
testing code:
AT524PYA332MLZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops 30% from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
■
High temperature materials allow operation in ambient
temperatures up to 200°C.
■
Passes vibration testing to 80 G and shock testing to 1000 G
■
Exceptionally low DCR – 3.1 mOhm
■
Soft saturation makes them ideal for VRM/VRD applications.
Irms Testing
Irms testing was performed on a
0.060
″ thick pcb with 4 oz. copper
traces optimized to minimize
additional temperature rise.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should be
verified in application conditions.
Document AT799-1 Revised 08/07/12


Similar Part No. - AT524PYA302MLZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT520 ETC2-AT520 Datasheet
3Mb / 33P
Accessories Hardware
AT520 ETC-AT520 Datasheet
3Mb / 34P
Accessories Hardware
AT526 ETC2-AT526 Datasheet
3Mb / 33P
Accessories Hardware
AT526 ETC-AT526 Datasheet
3Mb / 34P
Accessories Hardware
AT527 ETC2-AT527 Datasheet
3Mb / 33P
Accessories Hardware
More results

Similar Description - AT524PYA302MLZ

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116046 SENSITRON-SHD116046 Datasheet
158Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546 SENSITRON-SHD114546_08 Datasheet
45Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125644 SENSITRON-SHD125644_08 Datasheet
41Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD176244 SENSITRON-SHD176244 Datasheet
43Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
logo
Coilcraft lnc.
AT350RAT COILCRAFT-AT350RAT Datasheet
523Kb / 2P
200째C Air Core Inductors
AT426RAT COILCRAFT-AT426RAT Datasheet
283Kb / 2P
200째C Air Core Inductors
AT439RAT COILCRAFT-AT439RAT Datasheet
533Kb / 2P
200째C Air Core Inductors
AT475RAT COILCRAFT-AT475RAT Datasheet
432Kb / 2P
200째C Air Core Inductors
AT536RAT COILCRAFT-AT536RAT Datasheet
663Kb / 2P
200째C Air Core Inductors
AT563PKA COILCRAFT-AT563PKA Datasheet
713Kb / 2P
200째C Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com