Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML378PJB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML378PJB
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML378PJB Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML378PJB Datasheet HTML 1Page - Coilcraft lnc. ML378PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document ML428-1 Revised 06/30/11
Inductance2
DCR max3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
(Ohms)
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
ML378PJB471MLZ
0.47
0.070
259
370
2.3
2.4
2.4
1.4
1.8
ML378PJB681MLZ
0.68
0.080
189
270
1.8
1.9
1.9
1.2
1.6
ML378PJB102MLZ
1.0
0.085
161
230
1.6
1.7
1.7
1.0
1.4
ML378PJB152MLZ
1.5
0.120
115
165
1.3
1.3
1.4
0.96
1.3
ML378PJB182MLZ
1.8
0.150
105
150
1.2
1.2
1.3
0.80
1.1
ML378PJB222MLZ
2.2
0.220
91.0
130
1.3
1.4
1.4
0.72
0.88
ML378PJB332MLZ
3.3
0.220
77.0
110
0.83
0.88
0.90
0.68
0.88
ML378PJB472MLZ
4.7
0.300
64.4
92
0.72
0.75
0.77
0.56
0.76
ML378PJB562MLZ
5.6
0.400
56.0
80
0.67
0.69
0.71
0.48
0.62
ML378PJB682MLZ
6.8
0.450
49.0
70
0.61
0.63
0.64
0.45
0.59
ML378PJB822MLZ
8.2
0.500
43.4
62
0.56
0.59
0.60
0.42
0.57
ML378PJB103MLZ
10
0.540
40.6
58
0.50
0.53
0.55
0.38
0.51
ML378PJB123MLZ
12
0.700
32.9
47
0.46
0.49
0.50
0.35
0.46
ML378PJB153MLZ
15
0.950
30.1
43
0.41
0.43
0.44
0.30
0.42
ML378PJB183MLZ
18
1.00
27.0
40
0.38
0.40
0.41
0.26
0.38
ML378PJB223MLZ
22
1.20
25.2
36
0.32
0.35
0.36
0.24
0.33
ML378PJB333MLZ
33
2.00
18.9
27
0.25
0.27
0.28
0.21
0.28
ML378PJB473MLZ
47
3.20
14.7
21
0.23
0.24
0.25
0.18
0.25
ML378PJB683MLZ
68
3.50
14.7
21
0.20
0.21
0.22
0.16
0.22
ML378PJB104MLZ
100
5.25
9.8
14
0.14
0.16
0.17
0.14
0.19
ML378PJB124MLZ
120
6.10
8.4
12
0.13
0.15
0.15
0.12
0.16
ML378PJB154MLZ
150
9.15
7.7
11
0.13
0.14
0.14
0.10
0.14
ML378PJB184MLZ
180
10.1
6.3
9
0.11
0.12
0.13
0.090
0.12
ML378PJB224MLZ
220
12.5
5.6
8
0.10
0.11
0.12
0.080
0.10
ML378PJB334MLZ
330
18.5
4.9
7
0.10
0.105
0.115
0.070
0.090
High-Reliability Power Inductors ML378PJB
3010 POWER INDUCTORS
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit
Weight 25 – 32 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″ reel
Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing,
1.4 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤1.5 mm
■
High temperature materials allow operation in ambient
temperatures up to 155°C
■
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
ML378PJB334MLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A.
Inductance at 1 MHz is the same for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or equivalent.
5. DC current that causes the specified inductance drop from its value
without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - ML378PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML376RAA COILCRAFT-ML376RAA Datasheet
183Kb / 2P
High-Reliability Chip Inductors
ML376RAA030JLZ COILCRAFT-ML376RAA030JLZ Datasheet
183Kb / 2P
High-Reliability Chip Inductors
ML376RAA060JLZ COILCRAFT-ML376RAA060JLZ Datasheet
183Kb / 2P
High-Reliability Chip Inductors
ML376RAA100JLZ COILCRAFT-ML376RAA100JLZ Datasheet
183Kb / 2P
High-Reliability Chip Inductors
ML376RAA101_LZ COILCRAFT-ML376RAA101_LZ Datasheet
183Kb / 2P
High-Reliability Chip Inductors
More results

Similar Description - ML378PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com