Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML336RAM223JRZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML336RAM223JRZ
Description  High Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML336RAM223JRZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML336RAM223JRZ Datasheet HTML 1Page - Coilcraft lnc. ML336RAM223JRZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
High ReliabilityChipInductorsML336RAM
0805 FERRITE CHIP INDUCTORS
Document ML781-1 Revised 09/01/11
Core material Ferrite
Terminations Matte tin over nickel silver-platinum-glass frit
Weight 16.7 – 18.0 mg
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000/7
″reel;
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
1.6 mm pocket depth
1. When ordering, please specify
testing code:
ML336RAM103JRZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured at 0.1 Vrms, using Coilcraft SMD-A fixture in
Agilent/HP 4286A impedance analyzer or equivalent with Coilcraft-
provided correlation pieces.
3. Q measured on Agilent/HP 4291A with Agilent/HP 16197A test fixture
or equivalents.
4. SRF measured using Agilent/HP 8753ES network analyzer or
equivalent with Coilcraft CCF1297 test fixture.
5. DCR measured on a Keithley 580 Micro-ohmmeter or equivalent with
a Coilcraft CCF858 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
■
Higher inductance values than ceramic 0805 inductors
■
Heavy guage wire for low DCR
■
Ferrite construction for high current handling
This robust version of Coilcraft’s standard 0805AF series
features high temperature materials that allow operation
in ambient temperatures up to 155°C.
Note: Dimensions are before solder application. For maximum overall
dimensions including solder, add 0.0025 in / 0,064 mm to
B and
0.006 in / 0,15 mm to
A and C.
A
B
C
D
max max max
ref
E
F
G
H
I
J
0.090 0.068 0.060 0.020 0.050 0.016 0.040 0.070 0.040 0.030 inches
2,29 1,73 1,52 0,51 1,27 0,41 1,02 1,78 1,02 0,76 mm
A
B
overall
C
Pick and
place
material
D
Terminal wraparound:
approx 0.008/0,20 both ends
I
I
J
F
F
G
H
E
terminal
Recommended
Land Pattern
Suggested
Land Pattern
Inductance2
Impedance typ
SRF min4
DCR max5
Imax
Color
Part number1
±5% (µH)
Q min3
(Ohms)
(MHz)
(Ohms)
(mA)
code
ML336RAM111JRZ
0.11 @ 7.9 MHz
14 @ 7.9 MHz
370 @ 500MHz
1000
0.05
700
Brown
ML336RAM681JRZ
0.68 @ 7.9 MHz
15 @ 7.9 MHz
430 @ 100 MHz
340
0.30
410
Orange
ML336RAM102JRZ
1.0 @ 7.9 MHz
13 @ 7.9 MHz
670 @ 100 MHz
280
0.39
360
Yellow
ML336RAM122JRZ
1.2 @ 7.9 MHz
15 @ 7.9 MHz
860 @ 100 MHz
300
0.64
260
Brown
ML336RAM152JRZ
1.5 @ 7.9 MHz
16 @ 7.9 MHz
1000 @ 100 MHz
225
0.74
250
Green
ML336RAM182JRZ
1.8 @ 7.9 MHz
16 @ 7.9 MHz
1360 @ 100 MHz
240
0.98
210
Blue
ML336RAM222JRZ
2.2 @ 7.9 MHz
15 @ 7.9 MHz
840 @ 50 MHz
90
0.98
190
Brown
ML336RAM272JRZ
2.7 @ 7.9 MHz
15 @ 7.9 MHz
1050 @ 50MHz
80
1.16
190
Violet
ML336RAM332JRZ
3.3 @ 7.9 MHz
15 @ 7.9 MHz
1670 @ 50 MHz
65
1.20
190
Gray
ML336RAM472JRZ
4.7 @ 7.9 MHz
14 @ 7.9 MHz
950 @ 25 MHz
40
1.50
170
Black
ML336RAM682JRZ
6.8 @ 7.9 MHz
14 @ 7.9 MHz
450 @ 10MHz
28
1.90
150
Brown
ML336RAM103JRZ
10 @ 2.5 MHz
14 @ 2.5 MHz
740 @ 10 MHz
18
2.20
130
Red
ML336RAM153JRZ
15 @ 2.5 MHz
13 @ 2.5 MHz
1300 @ 10MHz
15
4.25
90
Yellow
ML336RAM223JRZ
22 @ 2.5 MHz
13 @ 2.5 MHz
1620 @ 10 MHz
15
6.70
75
Green


Similar Part No. - ML336RAM223JRZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
High-Reliability Chip Inductors
ML336RAD COILCRAFT-ML336RAD Datasheet
167Kb / 2P
High-Reliability Chip Inductors
ML336RAD12NJLZ COILCRAFT-ML336RAD12NJLZ Datasheet
167Kb / 2P
High-Reliability Chip Inductors
ML336RAD16N_LZ COILCRAFT-ML336RAD16N_LZ Datasheet
167Kb / 2P
High-Reliability Chip Inductors
ML336RAD18N_LZ COILCRAFT-ML336RAD18N_LZ Datasheet
167Kb / 2P
High-Reliability Chip Inductors
More results

Similar Description - ML336RAM223JRZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
High-Reliability Chip Inductors
ML413RAA COILCRAFT-ML413RAA Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
High-Reliability Chip Inductors
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
High-Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com