Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML413RAM132KLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML413RAM132KLZ
Description  High-Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML413RAM132KLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML413RAM132KLZ Datasheet HTML 1Page - Coilcraft lnc. ML413RAM132KLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document ML578-1 Revised 11/17/11
Inductance2
SRF min4
DCR max5
Isat6
Imax
Part number1
±10% (µH)
Q typ3
(MHz)
(Ohms)
(A)
(A)
ML413RAM901KLZ
0.9
25
415
0.120
1.4
0.76
ML413RAM112KLZ
1.1
24
376
0.130
1.3
0.72
ML413RAM132KLZ
1.3
37
198
0.145
1.2
0.64
ML413RAM152KLZ
1.5
22
135
0.155
1.1
0.62
ML413RAM192KLZ
1.9
29
126
0.180
1.0
0.60
ML413RAM222KLZ
2.2
21
106
0.186
0.95
0.58
ML413RAM272KLZ
2.7
22
70
0.210
0.80
0.57
ML413RAM332KLZ
3.3
21
59
0.240
0.75
0.53
ML413RAM392KLZ
3.9
21
55
0.260
0.70
0.50
ML413RAM472KLZ
4.7
27
48
0.450
0.70
0.36
ML413RAM582KLZ
5.8
21
37
0.320
0.55
0.45
ML413RAM682KLZ
6.8
20
33
0.355
0.50
0.42
ML413RAM822KLZ
8.2
20
34
0.380
0.50
0.42
ML413RAM103KLZ
10.0
22
26
0.540
0.45
0.36
■
Ferrite construction provides lowest DCR and highest current
rating of our 1008 size inductors.
■
Available in 14 inductance values from 0.9 to 10 µH, all at
10% tolerance.
High-Reliability Chip Inductors ML413RAM
Core material Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +350 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing,
2.0 mm pocket depth
1. When ordering, please specify
testing code:
ML413RAM103KLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured at 2.5 MHz using Coilcraft SMD-A fixture in an
Agilent/HP 4286A impedance analyzer or equivalent with Coilcraft-
provided correlation pieces.
3. Q measured at 2.5 MHz using an Agilent/HP 4291A with an Agilent/HP
16197 test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent with a Coilcraft SMD-D fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF858 test fixture.
6. DC current at which the inductance drops 10% (typ.) from its value
without current.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
This robust version of Coilcraft’s standard 1008AF series
features high temperature materials that allow operation
in ambient temperatures up to 155°C.
1008 CHIP INDUCTORS


Similar Part No. - ML413RAM132KLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML413RAA COILCRAFT-ML413RAA Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA100_LZ COILCRAFT-ML413RAA100_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA101_LZ COILCRAFT-ML413RAA101_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA102_LZ COILCRAFT-ML413RAA102_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAA120_LZ COILCRAFT-ML413RAA120_LZ Datasheet
199Kb / 2P
High-Reliability Chip Inductors
More results

Similar Description - ML413RAM132KLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
High Reliability Chip Inductors
ML413RAA COILCRAFT-ML413RAA Datasheet
199Kb / 2P
High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
High-Reliability Chip Inductors
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
High-Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com