Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML425PJB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML425PJB
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML425PJB Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML425PJB Datasheet HTML 1Page - Coilcraft lnc. ML425PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ML425PJB Series (4018)
4018 POWER INDUCTORS
Document ML435-2 Revised 06/15/10
Typical L vs Frequency
Typical L vs Current
0.1
1
10
0.1
1
10
Frequency (MHz)
0.1
1
10
10000
1000
100
0.01
1 µH
4.7 µH
22 µH
680 µH
2200 µH
0.1
1
10
10000
1000
100
0.01
0.1
110
Current (A)
1 µH
22 µH
680 µH
2200 µH
4.7 µH
Current Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
0.0709 ±0.004
1,80 ±0,10
0.1535 ±0.003
3,90 ±0,076
0.1535 ±0.003
3,90 ±0,076
0.060
1,52
0.173
4,40
0.123
3,124
Suggested
Land Pattern
0.060
1,50
0.118
3,00
0.173
4,40
0.028
0,70
45°
typ
0.090
2,30
0.123
3,124
0.090
2,30
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.011 in/ 0,28 mm.
*
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com