Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML427PJB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML427PJB
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML427PJB Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML427PJB Datasheet HTML 1Page - Coilcraft lnc. ML427PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
These parts are preproduction products for electrical evaluation only.
Specification subject to change without notice.
ML427PJB Series (4414)
4414 POWER INDUCTORS
Document ML548-2 Revised 12/06/10
Typical L vs Current
0.01
0.1
110
Current (A)
0.1
1
10
10000
1000
100
1000 µH
3300 µH
1 µH
10 µH
3.3 µH
33 µH
330 µH
100 µH
Typical L vs Frequency
0.1
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
1 µH
10 µH
3.3 µH
33 µH
1000 µH
3300 µH
330 µH
100 µH
Current Derating
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
-40
-55
-20
020406080
100
160
140
120
Isat
Irms
0.169 ±0.004
4,30 ±0,10
0.169 ±0.004
4,30 ±0,10
0.059
1,50
0.0551 ±0.004
1,40 ±0,1
0.185
4,70
0.118
3,00
0.128
3,25
0.059
1,50
0.185
4,70
0.055
1,40
Suggested
Land Pattern
0.118
3,00
0.124
3,15
0.030
0,75
typ
typ
0.030
0,75
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.005 in/ 0,13 mm.
*
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com