Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML413RAM822KLZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML413RAM822KLZ
Description  High-Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML413RAM822KLZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML413RAM822KLZ Datasheet HTML 1Page - Coilcraft lnc. ML413RAM822KLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document ML578-2 Revised 11/17/11
Typical Q vs Frequency
Typical L vs Frequency
12
11
7
8
9
10
6
5
4
3
2
1
0
0.1
110
100
Frequency (MHz)
1.1 µH
10 µH
5.8 µH
3.9 µH
2.2 µH
40
35
30
25
20
15
10
5
0
0.1
110
100
Frequency (MHz)
10 µH 5.8 µH
2.2 µH, 3.9 µH
1.1 µH
Typical Current Derating
0.110
2,79
0.075
1,91
0.080 ±0.002
1,91 ±0,051
0.098 ±0.003
2,49 ±0,076
0.0205
0,5207
max
0.115
2,92
max
max
max
0.02
0,51
Terminal wraparound:
approx 0.015/0,38 both ends
0.100
2,54
0.040
1,02
0.050
1,27
Recommended
Land Pattern
Pick and place
material
Typical L vs Current
12
11
7
8
9
10
6
5
4
3
2
1
0
0.01
0.1
110
Current (A)
1.1 µH
10 µH
5.8 µH
3.9 µH
2.2 µH
Dimensions are in
inches
mm
ML413RAM Series (1008)
1008 CHIP INDUCTORS
Suggested
Land Pattern
-40 -20
020406080
100
140 160
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Imax



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com