Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML439RAT Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML439RAT
Description  High-Reliability Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML439RAT Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML439RAT Datasheet HTML 1Page - Coilcraft lnc. ML439RAT Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
AIR CORE INDUCTORS
Document ML107-2 Revised 09/08/11
ML439RAT/ML470RAT Air Core Inductors
Typical Current Derating
L vs Frequency – ML439RAT
L vs Frequency – ML470RAT
Q vs Frequency – ML439RAT
Q vs Frequency – ML470RAT
25
20
15
10
5
0
60
55
50
45
40
35
30
25
20
15
10
100
100
200
200
400
400
600
600
1000
1000
Frequency (MHz)
Frequency (MHz)
17.5 nH
22.0 nH
28.0 nH
35.5 nH
43.0 nH
2.5 nH
5.0 nH
8.0 nH
12.5 nH
18.5 nH
220
210
200
190
180
170
160
150
140
130
135
130
125
120
115
110
105
100
95
90
100
100
200
200
400
400
600
600
1000
1000
Frequency (MHz)
Frequency (MHz)
28.0 nH
35.5 nH
43.0 nH
22.0 nH
17.5 nH
18.5 nH
12.5 nH
8.0 nH
5.0 nH
2.5 nH
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com