Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML465PYA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML465PYA
Description  High Reliability Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML465PYA Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML465PYA Datasheet HTML 1Page - Coilcraft lnc. ML465PYA Datasheet HTML 2Page - Coilcraft lnc. ML465PYA Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
4040 POWER INDUCTORS
Document ML803-2 Revised 03/22/12
ML465PYASeries
L vs Current
0
0
0.2
0.4
0.6
0.8
2
1
4
3
6
7
5
9
10
11 12 13 14
8
Current (A)
0.52 µH
0
0
8
6
4
2
10
12
0.5
1.0
1.5
2.5
3.0
3.5
4.0
4.5 5.0
2.0
Current (A)
8.2 µH
0
8
4
12
16
Current (A)
10 µH
0
0.5
1.0
1.5
2.5
3.0
3.5
4.0
2.0
1.0
0.5
0
0
04
08
12
16
20
1.5
2.0
2.5
3.0
4.0
3.5
Current (A)
15 µH
1
0
0
0.2
0.4
0.6
0.8
1.0
23
45
78
91011121314
6
Current (A)
0.68 µH
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
23
45
78
91011121314
6
Current (A)
0.82 µH
3
2
1
0
0
0.4
0.2
0.8
0.6
1.2
1.4
1.0
1.6
4567
912
8
Current (A)
1.0 µH
2
1
0
0
0.4
0.8
1.2
1.6
2.0
3
4
5
6
10
78
9
Current (A)
1.5 µH
0
1.0
0.5
2.0
1.5
2.5
3.0
Current (A)
1
02
34
57
8
6
2.2 µH
0.5
0
0
1
2
3
4
5
1.0
1.5
2.0
2.5
3.5
4.0
4.5
5.0
5.5 6.0
3.0
Current (A)
3.3 µH
0.5
0
0
1
2
3
4
5
6
1.0
1.5
2.0
2.5
3.5
4.0
4.5
5.0
5.5 6.0
3.0
Current (A)
4.7 µH
0
2
4
6
8
10
Current (A)
6.8 µH
0.5
0
1.0
1.5
2.0
2.5
3.5
4.0
4.5
5.0
5.5 6.0
3.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com