Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML486PJB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML486PJB
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML486PJB Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML486PJB Datasheet HTML 1Page - Coilcraft lnc. ML486PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
6225 POWER INDUCTORS
Document ML554-1 Revised 03/28/11
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
max
(MHz)4
10%
20% 30%
20°C 40°C
Part number1
±20% (µH)
(Ohms)
min
typ
drop drop drop
rise rise
ML486PJB122MLZ
1.2
0.040
125 178
5.3
5.4
5.4
0.88 1.3
ML486PJB222MLZ
2.2
0.045
70 100
3.9
4.0
4.1
0.80 1.1
ML486PJB332MLZ
3.3
0.055
48
68
3.5
3.5
3.6
0.80 1.0
ML486PJB472MLZ
4.7
0.070
37
53
3.0
3.1
3.2
0.72 1.0
ML486PJB682MLZ
6.8
0.095
28
40
2.6
2.7
2.8
0.72 1.0
ML486PJB103MLZ
10
0.105
25
35
2.1
2.1
2.2
0.72 1.0
ML486PJB153MLZ
15
0.135
16
23
2.1
2.2
2.2
0.68 0.96
ML486PJB223MLZ
22
0.225
12
17
1.4
1.5
1.6
0.64 0.88
ML486PJB333MLZ
33
0.260
9.8 14
1.1
1.2
1.2
0.52 0.72
ML486PJB473MLZ
47
0.360
7.0 10
0.98
1.0
1.0
0.48 0.64
ML486PJB683MLZ
68
0.420
6.7
9.6
0.58
0.61 0.62 0.46 0.59
ML486PJB104MLZ
100
0.610
5.4
7.7
0.48
0.51 0.52 0.38 0.51
ML486PJB124MLZ
120
0.750
4.2
7.4
0.42
0.45 0.46 0.34 0.46
ML486PJB154MLZ
150
0.920
4.5
6.4
0.39
0.41 0.42 0.32 0.43
ML486PJB224MLZ
220
1.30
3.5
5.0
0.32
0.34 0.35 0.30 0.40
ML486PJB334MLZ
330
2.00
2.7
3.8
0.26
0.27 0.28 0.22 0.31
ML486PJB474MLZ
470
2.60
2.2
3.2
0.22
0.23 0.24 0.19 0.30
ML486PJB684MLZ
680
4.00
2.0
2.8
0.18
0.19 0.20 0.14 0.21
ML486PJB105MLZ
1000
6.00
1.6
2.3
0.15
0.16 0.17 0.12 0.19
ML486PJB155MLZ
1500
9.00
1.3
1.8
0.12
0.13 0.13 0.10 0.16
ML486PJB185MLZ
1800
11.7
1.2
1.7
0.11
0.12 0.12 0.090 0.11
ML486PJB225MLZ
2200
13.5
0.9
1.3
0.10
0.10 0.11 0.090 0.10
ML486PJB335MLZ
3300
21.0
0.8
1.1
0.099 0.10 0.11 0.065 0.090
ML486PJB475MLZ
4700
30.0
0.6
0.90 0.086 0.096 0.10 0.060 0.070
ML486PJB565MLZ
5600
36.0
0.5
0.72 0.077 0.090 0.096 0.055 0.070
ML486PJB685MLZ
6800
43.0
0.5
0.70 0.080 0.086 0.089 0.050 0.060
ML486PJB825MLZ
8200
54.0
0.5
0.69 0.079 0.086 0.088 0.050 0.060
ML486PJB106MLZ 10000
70.0
0.5
0.68 0.050 0.050 0.060 0.045 0.050
High-Reliability Power Inductors ML486PJB
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit
Weight 309 – 331 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 750/7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
2.57 mm pocket depth
Recommended pick and place nozzle OD: 6.2 mm; ID:
≤ 3.1 mm
■
High temperature materials allow operation in ambient
temperatures up to 155°C.
■
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
ML486PJB106MLZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms
using an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP
8753ES or equivalent.
5. Typical DC current that causes the speci-
fied inductance drop from its value without
current.
6. Typical current that causes the specified
temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


Similar Part No. - ML486PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PYA COILCRAFT-ML486PYA Datasheet
228Kb / 3P
High-Reliability Power Inductors
ML486PYA122MLZ COILCRAFT-ML486PYA122MLZ Datasheet
228Kb / 3P
High-Reliability Power Inductors
ML486PYA161MLZ COILCRAFT-ML486PYA161MLZ Datasheet
228Kb / 3P
High-Reliability Power Inductors
ML486PYA222MLZ COILCRAFT-ML486PYA222MLZ Datasheet
228Kb / 3P
High-Reliability Power Inductors
ML486PYA331MLZ COILCRAFT-ML486PYA331MLZ Datasheet
228Kb / 3P
High-Reliability Power Inductors
More results

Similar Description - ML486PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com