Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML486PYA161MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML486PYA161MLZ
Description  High-Reliability Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML486PYA161MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML486PYA161MLZ Datasheet HTML 1Page - Coilcraft lnc. ML486PYA161MLZ Datasheet HTML 2Page - Coilcraft lnc. ML486PYA161MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1. When ordering, please specify
testing code:
ML486PYA472MLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops 30% from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
DCR (mOhms)3
SRF (MHz)4
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
Isat (A)5
20°C rise
40°C rise
ML486PYA161MLZ
0.16
2.15
2.36
146
183
31.0
10.7
16.7
ML486PYA331MLZ
0.33
3.20
3.52
86
108
23.0
10.4
14.4
ML486PYA601MLZ
0.60
4.11
4.52
60
75
17.6
10.2
13.3
ML486PYA801MLZ
0.80
5.14
5.65
50
63
15.1
7.5
9.8
ML486PYA122MLZ
1.2
8.50
9.40
49
61
12.5
6.5
8.3
ML486PYA222MLZ
2.2
13.20
14.50
30
38
9.1
5.4
7.3
ML486PYA332MLZ
3.3
21.20
23.30
22
28
7.1
4.4
6.1
ML486PYA472MLZ
4.7
32.70
36.00
18
23
5.8
3.2
4.4
5030 POWER INDUCTORS
■
High temperature materials allow operation in ambient
temperatures up to 155°C.
■
Passes vibration testing to 80 G and shock testing to 1000 G
■
High current and very low DCR
■
Soft saturation makes them ideal for VRM/VRD applications.
Core material Composite
Terminations RoHS compliant tin-silver (96.5/3.5) over copper.
Weight 0.44 – 0.51 g
Ambient temperature –55°C to +105°C with Irms current, +105°C to
+155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 400 per 7
″reel
Plastic tape: 16 mm wide, 0.3 mm thick, 8 mm pocket spacing,
3.18 mm pocket depth
High-Reliability PowerInductorsML486PYA
Irms Testing
Irms testing was performed on a
0.060
″ thick pcb with 4 oz. copper
traces optimized to minimize
additional temperature rise.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should be
verified in application conditions.
Document ML794-1 Revised 07/20/12


Similar Part No. - ML486PYA161MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML486PJB103MLZ COILCRAFT-ML486PJB103MLZ Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML486PJB104MLZ COILCRAFT-ML486PJB104MLZ Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML486PJB105MLZ COILCRAFT-ML486PJB105MLZ Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML486PJB106MLZ COILCRAFT-ML486PJB106MLZ Datasheet
291Kb / 2P
High-Reliability Power Inductors
More results

Similar Description - ML486PYA161MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com