Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML512PYA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML512PYA
Description  High Reliability Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML512PYA Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML512PYA Datasheet HTML 1Page - Coilcraft lnc. ML512PYA Datasheet HTML 2Page - Coilcraft lnc. ML512PYA Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ML512PYASeries
Document ML800-2 Revised 09/17/12
6030 POWER INDUCTORS
L vs Current
Current (A)
0
0
0.20
0.05
0.10
0.15
0.25
0.30
510152025303540
0.18 µH
05
10
15
20
25
30
35
40
0
0.2
0.1
0.4
0.5
0.3
0.6
Current (A)
0.33 µH
0
0.2
0.4
0.6
0.8
Current (A)
0.56 µH
05
10
15
20
25
30
35
40
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Current (A)
1.0 µH
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Current (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
1.2 µH
Current (A)
0
0.4
0.8
1.2
1.6
2.0
2.4
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
1.8 µH
Current (A)
0
0
2.0
0.5
1.0
1.5
2.5
3.0
24
68
10
12
14
16
18
20
2.2 µH
0
1
2
3
4
5
Current (A)
3.3 µH
02
46
8101214161820



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com