Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML524PYA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML524PYA
Description  High Reliability Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML524PYA Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML524PYA Datasheet HTML 1Page - Coilcraft lnc. ML524PYA Datasheet HTML 2Page - Coilcraft lnc. ML524PYA Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ML524PYASeries
6060 POWER INDUCTORS
Document ML799-2 Revised 09/24/12
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
L vs Current
0
0.2
0.6
0.4
0.8
1.0
Current (A)
0.68 µH
05
10
20
25
15
0
8
4
12
16
Current (A)
10 µH
01
23
5678
910
4
2
1
0
0
4
8
12
16
20
3
4
5
6
8
7
Current (A)
15 µH
2
1
0
0
5
10
15
20
25
30
3
4
5
6
8
7
Current (A)
22 µH
0
0.8
0.4
1.2
1.6
Current (A)
1.0 µH
05
10
20
25
15
0
1.2
1.6
0.4
0.8
2.0
2.4
Current (A)
1.8 µH
02
14
36
510
912
11
14
13
16
15
18 19
17
20
8
7
Current (A)
0
0
2.0
0.5
1.0
1.5
2.5
3.0
24
68
10
12
14
16
18
20
2.2 µH
Current (A)
0
0
2.0
1.0
0.5
1.5
2.5
3.5
3.0
4.0
24
68
10
12
14
16
18
20
3.0 µH
0
2
1
4
3
6
7
5
8
Current (A)
4.7 µH
1
02
34
57
89
10
11 12
6
1
02
34
57
89
10
11 12
6
0
2
1
4
3
6
7
5
8
Current (A)
5.6 µH
2
4
6
8
10
Current (A)
6.8 µH
1
02
34
57
89
10
11 12
6
Current (A)
0
0
8
2
4
6
10
12
12
34
56
78
910
8.2 µH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com