Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML541PYA Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # ML541PYA
Description  High-Reliability Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML541PYA Datasheet(HTML) 4 Page - Coilcraft lnc.

  ML541PYA Datasheet HTML 1Page - Coilcraft lnc. ML541PYA Datasheet HTML 2Page - Coilcraft lnc. ML541PYA Datasheet HTML 3Page - Coilcraft lnc. ML541PYA Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ML541PYA Series (7070)
7070 POWER INDUCTORS
®
© Coilcraft, Inc. 2013
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document ML856-4 Revised 01/08/13
Typical L vs Frequency
Irms Derating
0.1
1
10
0.1
1
100
Frequency (MHz)
6.8 µH
4.7 µH
2.2 µH
1.2 µH
1.8 µH
1.0 µH
0.30 µH
0.65 µH
0.80 µH
Dimensions are in
inches
mm
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.295 ±0.020
7,5 ±0,5
0.283 ±0.020
7,2 ±0,5
0.276
7,0
0.057 ±0.004
1,45 ±0,10
0.123 ±0.010
3,12 ±0,25
0.064
1,63
0.180
4,57
Suggested
Land Pattern
Dash
number
max
A
Dash
B
number
(in / mm)
(in / mm)
-161
0.257 / 6.53
0.281 / 7.13
-301
0.257 / 6.53
0.281 / 7.13
-551
0.257 / 6.53
0.281 / 7.13
-651
0.257 / 6.53
0.281 / 7.13
-801
0.257 / 6.53
0.281 / 7.13
-102
0.249 / 6.33
0.269 / 6.83
-122
0.249 / 6.33
0.269 / 6.83
-182
0.241 / 6.13
0.257 / 6.53
-222
0.234 / 5.93
0.245 / 6.23
-332
0.234 / 5.93
0.245 / 6.23
-472
0.226 / 5.73
0.234 / 5.93
-562
0.226 / 5.73
0.234 / 5.93
-682
0.226 / 5.73
0.234 / 5.93
±0.008 in
±0,20 mm
A
(see table)
B
(see table)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com