Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML563PKA Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML563PKA
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML563PKA Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML563PKA Datasheet HTML 1Page - Coilcraft lnc. ML563PKA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-ReliabilityPowerInductorsML563PKA
3316 POWER INDUCTOR
Core material Ferrite
Terminations Tin-silver-copper over copper
Weight 0.95 – 1.25 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 750 per 13
″ reel
Plastic tape: 24 mm wide, 0.35 mm thick, 12 mm pocket spacing,
6.4 mm pocket depth
■
High temperature materials allow operation in ambient
temperatures up to 155°C.
■
Soldered self-leaded construction for excellent solderability.
■
Very low DCR values and excellent current handling
1. When ordering, specify
testing code:
ML563PKA301MLZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz,
0.1 Vrms, 0 Adc using an Agilent/HP
4263B LCR meter or equivalent.
3. SRF measured using Agilent/
HP 8753D network analyzer or
equivalent..
4. Typical DC current at which the
inductance drops 10% (typ) from its
value without current.
5. Typical Current that causes a 40°C
temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface
Mount Components” before soldering.
DCR
SRF
Isat (A)4
Irms (A)5
Inductance2
(mOhm)
(MHz)3
10%
20%
30%
20°C
40°C
Part number1
±20% (µH)
typ
max
min
typ
drop
drop
drop
rise
rise
ML563PKA301MLZ
0.3
2.6
3.0
200
238
14.0
16.0
17.0
8.0
12.0
ML563PKA901MLZ
0.9
5.1
6.0
122
153
8.6
10.2
10.9
6.1
8.8
ML563PKA122MLZ
1.2
5.1
6.0
100
125
7.0
8.4
9.3
3.4
5.6
ML563PKA182MLZ
1.8
7.7
9.0
86
108
6.2
7.4
8.1
3.2
5.0
ML563PKA222MLZ
2.2
6.8
10
74
92
6.0
6.7
7.2
2.9
4.5
ML563PKA272MLZ
2.7
9.4
11
63
79
5.1
6.0
6.4
2.7
4.2
ML563PKA332MLZ
3.3
11.1
13
57
71
4.7
5.5
6.0
2.4
4.0
ML563PKA392MLZ
3.9
15.3
18
54
68
4.3
5.2
5.5
2.4
4.0
ML563PKA472MLZ
4.7
20.4
24
46
57
4.0
4.4
4.8
2.4
3.7
ML563PKA562MLZ
5.6
21.3
25
43
53
3.6
4.1
4.4
2.2
3.3
ML563PKA682MLZ
6.8
25.5
30
38
48
3.3
3.7
4.0
2.2
3.3
ML563PKA822MLZ
8.2
29.8
35
35
44
2.9
3.4
3.7
2.2
3.2
ML563PKA103MLZ
10
32.3
38
30
38
2.7
3.1
3.4
2.1
3.1
ML563PKA123MLZ
12
40.8
48
26
33
2.5
2.9
3.1
1.7
2.7
ML563PKA153MLZ
15
49.3
58
25
31
2.2
2.5
2.8
1.9
2.6
ML563PKA183MLZ
18
59.5
70
21
27
2.1
2.4
2.6
1.9
2.5
ML563PKA223MLZ
22
72.3
85
20
25
1.9
2.1
2.3
1.8
2.4
ML563PKA273MLZ
27
85
100
19
24
1.7
1.9
2.1
1.3
1.9
ML563PKA333MLZ
33
109
128
16
20
1.5
1.7
1.9
1.3
1.8
ML563PKA393MLZ
39
116
136
14
18
1.3
1.5
1.7
1.3
1.8
ML563PKA473MLZ
47
146
172
12
15
1.2
1.4
1.5
1.1
1.5
ML563PKA563MLZ
56
170
200
11
14
1.1
1.3
1.4
0.9
1.3
ML563PKA683MLZ
68
221
260
10
13
0.85
1.2
1.3
0.82
1.2
ML563PKA823MLZ
82
264
310
9.5
12
0.82
1.1
1.2
0.81
1.2
ML563PKA104MLZ
100
306
360
8.3
10
0.80
0.96
1.1
0.80
1.1
ML563PKA124MLZ
120
384
452
8.3
10
0.70
0.85
0.98
0.68
0.90
ML563PKA154MLZ
150
432
508
7.0
8.7
0.65
0.80
0.86
0.63
0.87
ML563PKA184MLZ
180
525
618
6.0
7.5
0.62
0.70
0.80
0.54
0.76
ML563PKA224MLZ
220
618
727
5.3
6.6
0.50
0.70
0.65
0.53
0.73
ML563PKA274MLZ
270
819
963
4.6
5.8
0.44
0.54
0.62
0.43
0.62
ML563PKA334MLZ
330
935
1100
4.4
5.5
0.42
0.48
0.58
0.41
0.57
ML563PKA394MLZ
390
1105
1300
3.9
4.8
0.41
0.46
0.53
0.38
0.53
ML563PKA474MLZ
470
1360
1600
3.6
4.3
0.35
0.44
0.48
0.34
0.47
Document ML196-1 Revised 04/22/11


Similar Part No. - ML563PKA

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ML56 NUVOTON-ML56 Datasheet
2Mb / 164P
1T 8051 8-bit Microcontroller
logo
Coilcraft lnc.
ML561RAU111MLZ COILCRAFT-ML561RAU111MLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
ML561RAU141MLZ COILCRAFT-ML561RAU141MLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
ML561RAU23NMLZ COILCRAFT-ML561RAU23NMLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
ML561RAU46NMLZ COILCRAFT-ML561RAU46NMLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
More results

Similar Description - ML563PKA

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com