Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0452002.MR Datasheet(PDF) 3 Page - Littelfuse

Part # 0452002.MR
Description  Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0452002.MR Datasheet(HTML) 3 Page - Littelfuse

  0452002.MR Datasheet HTML 1Page - Littelfuse 0452002.MR Datasheet HTML 2Page - Littelfuse 0452002.MR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
63
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
452/454 Series
NANO2® > Slo-Blo® > 452/454 Series
Please refer to www.littelfuse.com/series/452.html
or /454.html for current information.
Materials
Product Marking
Operating
Temperature
Moisture
Sensitivity Level
Solderability
Insulation
Resistance (after
Opening)
Thermal Shock
Mechanical Shock
Vibration
Moisture Resistance
Salt Spray
Resistance to Soldering
Heat
Product Characteristics
1 A
T
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
2.69
(.106")
2.69
(.106")
1.45
(.057")
6.10
(.240")
Recommended pad layout
F
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
1000
0452 001. M R L
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
RoHS Compliant & Halogen Free
The dot is positioned at the end of the
number sequence with whole ratings
and within for fractional ratings.
Example:
.375
NOTE: “L” suffix applies to 452 series only



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com