Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # S3A
Description  Low reverse leakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

S3A Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  S3A Datasheet HTML 1Page - DIOTEC Electronics Corporation S3A Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S3A THRU S3M
RATINGS AND CHARACTERISTIC CURVES
.1
1.0
10
100
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
Tj=100 C
Tj=25 C
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0 1.1 1.2 1.3
3.0
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
0.5
1.0
1.5
2.0
2.5
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
20
0
40
60
80
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
140
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
FIG.1-TYPICAL FORWARD CHARACTERISTICS
0
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com