Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3A Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # US3A
Description  Low reverse leakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

US3A Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  US3A Datasheet HTML 1Page - DIOTEC Electronics Corporation US3A Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US3A THRU US3M
RATINGS AND CHARACTERISTIC CURVES
Ambient Temperature (
)
Fig. 1 - Maximum Forward Current
Derating Curve
Fig. 3 - Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 - Typical Reverse Leakage
Characteristics
Number of Cycles at 60 HZ
Fig. 2 - Maximum Non-Repetitive
Peak Forward Surge Current
Reverse Voltage (V)
Fig. 5 - Typical Junction
Capacitance
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
3.0
Resistive or
Inductive Load
Lead Length = 0.375" (9.5mm)
1
10
100
120
100
80
60
40
20
0
TA = 55
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
TJ = 25
Pulse Width = 300 s
1% Duty Cycle
US3A - US3D
0
20
40
60
80
100
0.01
0.1
1
10
100
0.1
1
10
100
20
40
60
80
100
120
140
160
TJ = 25
f = 1.0MHZ
Vsig = 50MVp-p
TJ = 25
TJ = 100
TJ = 125
TJ = 100
TJ = 125
US3J - US3M
US3A - US3G
US3J - US3M
US3G
°
C
°
C
°
C
°
C
°
C
°
C
°
C
°
C
°
C
µ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com