Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS412PJB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS412PJB
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS412PJB Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS412PJB Datasheet HTML 1Page - Coilcraft lnc. MS412PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
High-Reliability PowerInductorsMS412PJB
3015 POWER INDUCTORS
Document MS436-1 Revised 03/25/11
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel.
Weight 40 – 45 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″ reel
Plastic tape: 12 mm wide, 0.26 mm thick, 8 mm pocket spacing,
1.65 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤1.5 mm
■
High temperature materials allow operation in ambient
temperatures up to 155°C
■
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
■
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
Inductance2
DCR max3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
(Ohms)
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
MS412PJB102MSZ
1.0
0.075
133
190
1.8
2.0
2.1
1.1
1.6
MS412PJB152MSZ
1.5
0.100
98.0
140
1.8
2.1
2.2
1.0
1.4
MS412PJB182MSZ
1.8
0.100
94.5
135
1.5
1.7
2.1
0.88
1.1
MS412PJB222MSZ
2.2
0.110
77.0
110
2.0
2.0
2.1
0.88
1.1
MS412PJB332MSZ
3.3
0.130
63.0
90
1.4
1.5
1.5
0.80
1.1
MS412PJB472MSZ
4.7
0.200
55.3
79
1.1
1.2
1.2
0.72
1.0
MS412PJB682MSZ
6.8
0.300
40.6
58
0.83
0.86
0.89
0.54
0.72
MS412PJB103MSZ
10
0.440
33.6
48
0.60
0.69
0.73
0.44
0.60
MS412PJB153MSZ
15
0.700
24.5
35
0.58
0.61
0.62
0.35
0.47
MS412PJB183MSZ
18
0.750
23.1
33
0.56
0.58
0.59
0.34
0.46
MS412PJB223MSZ
22
0.825
21.0
30
0.48
0.49
0.50
0.34
0.46
MS412PJB333MSZ
33
1.30
16.1
23
0.39
0.41
0.42
0.28
0.38
MS412PJB473MSZ
47
1.55
11.9
17
0.36
0.38
0.39
0.24
0.32
MS412PJB683MSZ
68
2.25
9.80
14
0.30
0.31
0.32
0.20
0.26
MS412PJB104MSZ
100
3.40
7.70
11
0.24
0.25
0.26
0.15
0.21
MS412PJB124MSZ
120
4.60
6.30
9.0
0.21
0.22
0.23
0.14
0.18
MS412PJB154MSZ
150
6.10
5.60
8.0
0.19
0.20
0.20
0.12
0.16
MS412PJB184MSZ
180
8.60
5.25
7.5
0.16
0.17
0.17
0.10
0.14
MS412PJB224MSZ
220
9.50
4.20
6.0
0.15
0.16
0.16
0.090
0.12
MS412PJB334MSZ
330
23.0
3.50
5.0
0.10
0.11
0.11
0.060
0.080
1. When ordering, please specify
testing code:
MS412PJB333MSZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A.
Inductance at 1 MHz is the same for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current that causes the specified inductance drop from its value
without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - MS412PJB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS4128-5 ETC1-MS4128-5 Datasheet
661Kb / 2P
Industrial Networking:Industrial Ethernet:MICE:Switches
logo
Seiko Instruments Inc
MS412F SII-MS412F Datasheet
441Kb / 4P
MS Lithium Rechargeable Battery
MS412FE SII-MS412FE Datasheet
441Kb / 4P
MS Lithium Rechargeable Battery
More results

Similar Description - MS412PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com