Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS413RAA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MS413RAA
Description  High-Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS413RAA Datasheet(HTML) 2 Page - Coilcraft lnc.

  MS413RAA Datasheet HTML 1Page - Coilcraft lnc. MS413RAA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MS413RAA Series (1008)
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1008 CHIP INDUCTORS
DocumentMS101-2 Revised11/28/12
Inductance2
Percent
SRF min4
DCR max5
Imax
Color
Part number1
(nH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
code6
MS413RAA100_SZ
10@50MHz
5,2
44@500MHz
3060
0.08
900
Black
MS413RAA120_SZ
12@50MHz
5,2
45@500MHz
2680
0.09
900
Red
MS413RAA150_SZ
15@50MHz
5,2
50@500MHz
2220
0.10
850
Orange
MS413RAA180_SZ
18@50MHz
5,2,1
50@350MHz
2200
0.11
900
Yellow
MS413RAA220_SZ
22@50MHz
5,2,1
55@350MHz
2100
0.12
900
Blue
MS413RAA270_SZ
27@50MHz
5,2,1
55@350MHz
1380
0.13
900
Black
MS413RAA330_SZ
33@50MHz
5,2,1
60@350MHz
1600
0.14
850
Orange
MS413RAA390_SZ
39@50MHz
5,2,1
60@350MHz
1420
0.15
850
Violet
MS413RAA470_SZ
47@50MHz
5,2,1
65@350MHz
1420
0.16
820
Red
MS413RAA560_SZ
56@50MHz
5,2,1
60@350MHz
1140
0.18
780
Yellow
MS413RAA680_SZ
68@50MHz
5,2,1
46@100MHz
1140
0.20
710
Gray
MS413RAA820_SZ
82@50MHz
5,2,1
48@100MHz
940
0.22
710
Red
MS413RAA101_SZ
100@25MHz
5,2,1
37@100MHz
900
0.56
440
Violet
MS413RAA121_SZ
120@25MHz
5,2,1
40@100MHz
840
0.63
410
White
MS413RAA151_SZ
150@25MHz
5,2,1
40@100MHz
740
0.70
400
Red
MS413RAA181_SZ
180@25MHz
5,2,1
38@100MHz
680
0.77
390
Orange
MS413RAA221_SZ
220@25MHz
5,2,1
40@100MHz
580
0.84
370
Green
MS413RAA271_SZ
270@25MHz
5,2,1
45@100MHz
540
0.91
330
White
MS413RAA331_SZ
330@25MHz
5,2,1
45@100MHz
500
1.05
330
Orange
MS413RAA391_SZ
390@25MHz
5,2,1
45@100MHz
480
1.12
310
Blue
MS413RAA471_SZ
470@25MHz
5,2,1
45@100MHz
400
1.19
280
Black
MS413RAA561_SZ
560@25MHz
5,2,1
40@100MHz
360
1.33
280
Green
MS413RAA621_SZ
620@25MHz
5,2,1
45@100MHz
360
1.40
270
Blue
MS413RAA681_SZ
680@25MHz
5,2,1
45@100MHz
345
1.47
270
Gray
MS413RAA751_SZ
750@25MHz
5,2,1
45@100MHz
335
1.54
270
Black
MS413RAA821_SZ
820@25MHz
5,2,1
45@100MHz
310
1.61
250
Brown
MS413RAA911_SZ
910@25MHz
5,2,1
35@50MHz
280
1.68
250
Red
MS413RAA102_SZ
1000@25MHz
5,2,1
34@50MHz
280
1.75
230
Yellow
1. Whenordering,pleasespecify
tolerance, termination and testing codes:
MS413RAA102GSZ
Tolerance:
F =1% G =2% J =5%
Termination: S =Tin-lead(63/37)oversilver-platinum-glassfrit.
Special order:
T =Tin-silver-copper(95.5/4/0.5)oversilver-platinum-glassfrit.
P =Tin-lead(63/37)overtinovernickeloversilver-platinum-glassfrit.
Q =Tin-silver-copper(95.5/4/0.5)overtinovernickeloversilver-platinum-glassfrit.
Testing:
Z =COTS
H =Screening per Coilcraft CP-SA-10001
N =Screening per Coilcraft CP-SA-10003
2. InductancemeasuredusingaCoilcraftSMD-AfixtureinanAgilent/HP4286AimpedanceanalyzerorequivalentwithCoilcraft-providedcorrelation
pieces.
3. QmeasuredusinganAgilent/HP4291AwithanAgilentHP16197Atestfixtureorequivalents.
4. SRFmeasuredusinganAglilent/HP8753DnetworkanalyzerorequivalentandaCoilcraftCCF1297testfixture.
5. DCRmeasuredonaKeithley580micro-ohmmeterorequivalentandaCoilcraftCCF858testfixture.
6. Currentproductionpartsaremarkedwithonedot.Priorproductionpartsweremarkedwiththreedots.Partmarkingdoesnotindicatepolarity
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com