Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS413RAM Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MS413RAM
Description  High-Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS413RAM Datasheet(HTML) 2 Page - Coilcraft lnc.

  MS413RAM Datasheet HTML 1Page - Coilcraft lnc. MS413RAM Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document MS578-2 Revised 11/17/11
Typical Q vs Frequency
Typical L vs Frequency
12
11
7
8
9
10
6
5
4
3
2
1
0
0.1
110
100
Frequency (MHz)
1.1 µH
10 µH
5.8 µH
3.9 µH
2.2 µH
40
35
30
25
20
15
10
5
0
0.1
110
100
Frequency (MHz)
10 µH 5.8 µH
2.2 µH, 3.9 µH
1.1 µH
Typical Current Derating
0.110
2,79
0.075
1,91
0.080 ±0.002
1,91 ±0,051
0.098 ±0.003
2,49 ±0,076
0.0205
0,5207
max
0.115
2,92
max
max
max
0.02
0,51
Terminal wraparound:
approx 0.015/0,38 both ends
0.100
2,54
0.040
1,02
0.050
1,27
Recommended
Land Pattern
Pick and place
material
Typical L vs Current
12
11
7
8
9
10
6
5
4
3
2
1
0
0.01
0.1
110
Current (A)
1.1 µH
10 µH
5.8 µH
3.9 µH
2.2 µH
Dimensions are in
inches
mm
MS413RAM Series (1008)
Terminal dimensions are without solder applied. For dimensions with
solder, add 0.006 inches / 0,152 mm.
Visit http://www.coilcraft-cps.com/support/colorcode.aspx for an
explanation of the color dots.
1008 CHIP INDUCTORS
Suggested
Land Pattern
-40 -20
020406080
100
140 160
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Imax



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com