Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4580Z Datasheet(PDF) 2 Page - ebm-papst

Part # 4580Z
Description  AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4580Z Datasheet(HTML) 2 Page - ebm-papst

  4580Z Datasheet HTML 1Page - ebm-papst 4580Z Datasheet HTML 2Page - ebm-papst 4580Z Datasheet HTML 3Page - ebm-papst 4580Z Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
4580 Z
Technical features
Dimensions
119 x 119 x 38 mm
General description
AC voltage fan with external rotor motor shaded-pole motor. Protected from overload by
impedance protection.
Fan housing and fan impeller made of metal.
Air exhaust over bars. Rotational direction clockwise looking at rotor.
Electrical connection to 2 flat plugs 2.8 x 0.5 mm.
Optionally available: Electrical connection to 310 mm long single strands.
Fan housing with grounding lug and tapping screw M4 x 8 (TORX).
Mass 540 g.
Please note our new ACmaxx series. With identical fastening dimensions
and voltages, this series achieves higher energy efficiency.
Connection line
2 flat plugs 2.8 x 0.5 mm. Housing with grounding lug and tapping screw M4 x 8 (TORX)
Direction of rotation
Right, looking at rotor
Direction of air flow
Air exhaust over bars
Bearing
Sintec sleeve bearing system
Lifetime L10 at 40 °C
50000 h
Lifetime L10 at maximum
temperature
27500 h
Mass
0.540 kg
Housing material
Metal
Material of impeller
Metal
Motor protection
Protected from overload using impedance protection
Approval
VDE, CSA, UL, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com