Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG751ART Datasheet(PDF) 4 Page - Analog Devices

Part # ADG751ART
Description  CMOS, Low Voltage RF/Video, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG751ART Datasheet(HTML) 4 Page - Analog Devices

  ADG751ART Datasheet HTML 1Page - Analog Devices ADG751ART Datasheet HTML 2Page - Analog Devices ADG751ART Datasheet HTML 3Page - Analog Devices ADG751ART Datasheet HTML 4Page - Analog Devices ADG751ART Datasheet HTML 5Page - Analog Devices ADG751ART Datasheet HTML 6Page - Analog Devices ADG751ART Datasheet HTML 7Page - Analog Devices ADG751ART Datasheet HTML 8Page - Analog Devices ADG751ART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
REV. 0
ADG751
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG751 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
Analog, Digital Inputs
2
. . . . . . . . . . . –0.3 V to VDD +0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . .100 mA
(Pulsed at 1 ms, 10% Duty Cycle Max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
Industrial (A, B Versions) . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ Max) . . . . . . . . . . . . . . . . . .+150
°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . (TJ Max–TA)/
θJA
µSOIC Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 206°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44°C/W
SOT-23 Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 229.6°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 91.99°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
ORDERING GUIDE
Model
Temperature Range
Brand*
Package Descriptions
Package Options
ADG751BRM
–40
°C to +85°C
SDB
µSOIC
RM-8
ADG751BRT
–40
°C to +85°C
SDB
SOT-23
RT-6
ADG751ARM
–40
°C to +85°C
SDA
µSOIC
RM-8
ADG751ART
–40
°C to +85°C
SDA
SOT-23
RT-6
*Brand on these packages is limited to three characters due to space constraints.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com