Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG758BCP Datasheet(PDF) 12 Page - Analog Devices

Part # ADG758BCP
Description  3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758BCP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG758BCP Datasheet HTML 4Page - Analog Devices ADG758BCP Datasheet HTML 5Page - Analog Devices ADG758BCP Datasheet HTML 6Page - Analog Devices ADG758BCP Datasheet HTML 7Page - Analog Devices ADG758BCP Datasheet HTML 8Page - Analog Devices ADG758BCP Datasheet HTML 9Page - Analog Devices ADG758BCP Datasheet HTML 10Page - Analog Devices ADG758BCP Datasheet HTML 11Page - Analog Devices ADG758BCP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
ADG758/ADG759
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Chip Scale Package
(CP-20)
1
20
5
6
11
16
15
BOTTOM
VIEW
10
0.089 (2.25)
0.083 (2.10) SQ
0.077 (1.95)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.030 (0.75)
0.024 (0.60)
0.020 (0.50)
0.012 (0.30)
0.009 (0.23)
0.007 (0.18)
0.080 (2.00)
REF
0.010 (0.25)
MIN
0.020 (0.50)
BSC
12 MAX
0.008 (0.20)
REF
0.028 (0.70) MAX
0.026 (0.65) NOM
0.002 (0.05)
0.0004 (0.01)
0.0 (0.0)
0.035 (0.90) MAX
0.033 (0.85) NOM
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
0.148 (3.75)
BSC SQ
0.157 (4.0)
BSC SQ
Revision History
Location
Page
Data Sheet changed from REV. 0 to REV. A.
Edits to General Description section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Update Outline Drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com