Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4606N Datasheet(PDF) 2 Page - ebm-papst

Part # 4606N
Description  AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4606N Datasheet(HTML) 2 Page - ebm-papst

  4606N Datasheet HTML 1Page - ebm-papst 4606N Datasheet HTML 2Page - ebm-papst 4606N Datasheet HTML 3Page - ebm-papst 4606N Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
4606 N
Technical features
General description
AC voltage fan with external rotor shaded-pole motor. Protected from overload by
impedance protection.
Fan housing and fan impeller made of metal.
Inlet over bars. Rotational direction clockwise looking at rotor. Types 4890 N and 4840 N
air exhaust over bars.
Electrical connection to 2 flat plugs 3.0 x 0.5 mm.
Impeller with 3 or 5 blades, see note for fan type.
Optionally available:
variants with reinforced mounting flanges and single strands that are brought out.
Fan housing with grounding lugs with M4 and UNC thread.
Mass 550 g.
Please note our new ACmaxx series. With identical fastening dimensions
and voltages, this series achieves higher energy efficiency.
Mass
0.550 kg
Dimensions
119 x 119 x 38 mm
Material of impeller
Metal
Housing material
Metal
Direction of air flow
Inlet over bars
Direction of rotation
Right, looking at rotor
Bearing
Ball bearings
Lifetime L10 at 40 °C
40000 h
Lifetime L10 at maximum
temperature
15000 h
Connection line
2 flat plugs 3.0 x 0.5 mm. Housing with grounding lugs for screw M4 and UNC.
Motor protection
Protected from overload using impedance protection
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com