Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS450RAA332JSZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MS450RAA332JSZ
Description  High-Reliability Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS450RAA332JSZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  MS450RAA332JSZ Datasheet HTML 1Page - Coilcraft lnc. MS450RAA332JSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MS450RAA Series (1812)
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document MS105-2 Revised 11/06/12
Typical Q vs Frequency
Typical L vs Frequency
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.007/0,18 both ends
Suggested
Land Pattern
A max B max C max D ref
E
F
G
H
I
J
0.195 0.150 0.135
0.070
0.100 0.025 0.128 0.120 0.045 0.118
4,95
3,81
3,43
1,78
2,54
0,64
3,25
3,05
1,14
3,00
Current Derating
-40 -20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
1812 CHIP INDUCTORS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
110
1000
100
Frequency (MHz)
1.0 µH
1.5 µH
2.2 µH
3.3 µH
4.7 µH
0
10
20
30
40
50
60
70
80
90
100
110
1.0 µH
1.5 µH
2.2 µH
3.3 µH
4.7 µH
1000
100
Frequency (MHz)
Note: Dimensions are before solder application. For maximum overall
dimensions including solder, add 0.0025 in / 0,064 mm to
B and
0.006 in / 0,15 mm to
A and C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com