Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS611PYA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MS611PYA
Description  High Reliability Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS611PYA Datasheet(HTML) 2 Page - Coilcraft lnc.

  MS611PYA Datasheet HTML 1Page - Coilcraft lnc. MS611PYA Datasheet HTML 2Page - Coilcraft lnc. MS611PYA Datasheet HTML 3Page - Coilcraft lnc. MS611PYA Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
MS611PYASeries(1010)
1010 POWER INDUCTORS
Document MS804-2 Revised 08/14/12
Typical L vs Current
0
0
0.2
0.1
0.3
0.4
10
20
30
50
60
70
80
90
40
Current (A)
0.22 µH
100
01020305060708090
40
0
0.2
0.1
0.4
0.5
0.3
0.6
Current (A)
0.45 µH
0102030506070
40
80
0
0.4
0.2
0.8
0.6
1.2
1.4
1.0
1.6
Current (A)
1.0 µH
010203050
40
60
0
0.4
0.8
1.2
1.6
2.0
Current (A)
1.5 µH
010203050
40
60
0
1.0
0.5
2.0
1.5
3.0
3.5
2.5
4.0
Current (A)
2.2 µH
3.3 µH
0
1
2
3
4
5
Current (A)
010
5152025303550
40
45
5
0
0
1
2
3
4
5
6
10
15
20
25
35
40
45
50
30
Current (A)
4.7 µH
0102030506070
40
80
0
0.4
0.2
0.8
0.6
1.0
1.2
Current (A)
0.68 µH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com