Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1029 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 17Page - Analog Devices ADM1029 Datasheet HTML 18Page - Analog Devices ADM1029 Datasheet HTML 19Page - Analog Devices ADM1029 Datasheet HTML 20Page - Analog Devices ADM1029 Datasheet HTML 21Page - Analog Devices ADM1029 Datasheet HTML 22Page - Analog Devices ADM1029 Datasheet HTML 23Page - Analog Devices ADM1029 Datasheet HTML 24Page - Analog Devices ADM1029 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
REV. 0
ADM1029
–21–
FAN-RELATED REGISTERS
Table IX is a list of registers on the ADM1029 that are specific
to fan speed measurement and control:
Table IX. Fan-Specific Registers
Address
Description
0x02
Fans Supported By Controller
0x03
Fans Supported In System
0x07
Set Fan x Alarm Speed
0x08
Set Fan x Hot-Plug Speed
0x09
Set Fan x Full Speed
0x10
Fan 1 Status
0x11
Fan 2 Status
0x18
Fan 1 Fault Action
0x19
Fan 2 Fault Action
0x20
Fan 1 Event Mask
0x21
Fan 2 Event Mask
0x48
Local Temp Cooling Action
0x49
Remote 1 Cooling Action
0x4A
Remote 2 Cooling Action
0x60
Fan 1 Minimum/Alarm Speed
0x61
Fan 2 Minimum/Alarm Speed
0x68
Fan 1 Configuration
0x69
Fan 2 Configuration
0x70
Fan 1 Tach Value
0x71
Fan 2 Tach Value
0x78
Fan 1 Tach High Limit
0x79
Fan 2 Tach High Limit
FAN CONFIGURATION REGISTERS
Registers 0x68 and 0x69 are the Fan 1 and Fan 2 Configuration
Registers. These allow the PWM output frequencies to be selected
for each fan. The default PWM drive frequency is 250 Hz. Bits
<7:6> adjust the fan tach oscillator frequency for fan tach mea-
surements. Bits <3:0> allow the Hot Plug PWM duty cycle value
for each fan to be programmed.
Figures 16 and 17 show how to configure the fans to handle
thermal or fault events.
Table VIII. Resistor Ratios for Setting TMIN and Number of Fans Installed Using TMIN/INSTALL Pin (Pin 18)
3 MSBs
Ideal Ratio
R1
R2
Actual
Error
Fans
of ADC
R2/(R1 + R2)
(k )(k )
R2/(R1 + R2)
(%)
TMIN
Installed
111
N/A
0
1
0
Disabled
2
110
0.8125
18
82
0.82
0.75
48
°C2
101
0.6875
22
47
0.6812
–0.63
40
°C2
100
0.5625
12
15
0.5556
–0.69
32
°C2
011
0.4375
15
12
0.4444
0.69
32
°C1
010
0.3125
47
22
0.3188
0.63
40
°C1
001
0.1875
82
18
0.18
–0.75
48
°C1
000
N/A
0
0
0
Disabled
1
In this case, since the Minimum Duty Cycle is the default 33%,
the equation for TMAX reduces to:
TMAX = TMIN + ((Max DC – Min DC)
× T
RANGE/10)
TMAX = TMIN + ((15 – 5)
× TRANGE/10)
TMAX = TMIN + (10
× TRANGE/10)
TMAX = TMIN + TRANGE
ENABLING AUTOMATIC FAN SPEED CONTROL USING
TMIN/INSTALL PIN (PIN 18)
Automatic fan control can also be enabled in hardware by Pin
18 (TMIN/INSTALL). This is an 8-level input with multiple
functions, which is sampled only at power-up.
If only one fan is installed, the voltage on Pin 18 should be kept
at less than VCC/2, which clears Bit 1 of register 03h. Within this
voltage range, four voltage levels define the minimum temperature
at which the fan will operate in automatic speed control mode.
If two fans are installed, the voltage on Pin 18 should be between
VCC/2 and VCC, which sets Bit 1 of register 03h. Within this
voltage range, four voltage levels define the minimum temperature
at which the fans will operate in automatic speed control mode.
Resistor values for setting the voltage on Pin 18 are given in
Table VIII. If automatic fan speed control is not used, Pin 18 can
simply be strapped to ground (one fan) or VCC (two fans),
depending on how many fans are installed. Under this condi-
tion, the fans will run full speed until the device is written to by
software to change fan speed.
When automatic fan speed control is enabled at power-up by
the TMIN/INSTALL pin, Bit 4 of the Configuration register is
set to enable monitoring, and Bits 0 and 1 of all Temp. Cooling
Action Registers are set, so any temperature channel will auto-
matically control all fans that are installed.
Note: if automatic fan speed control is enabled and an event
occurs that would cause a fan to go to alarm or hot-plug speed
(e.g., temperature fault), that event will override the automatic
fan speed control. If the event affects only one fan, the other fan
will remain under automatic control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com