Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6224NTDA Datasheet(PDF) 2 Page - ebm-papst

Part # 6224NTDA
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6224NTDA Datasheet(HTML) 2 Page - ebm-papst

  6224NTDA Datasheet HTML 1Page - ebm-papst 6224NTDA Datasheet HTML 2Page - ebm-papst 6224NTDA Datasheet HTML 3Page - ebm-papst 6224NTDA Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
6224 NTDA
Technical features
Dimensions
172 Ø x 51 mm
General description
Very smooth running 3-phase fan drive. Very rigid compression curve for high air flow at high
counterpressure. Electronic commutation completely integrated.
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Direction of rotation
Left, looking at rotor, reversing the direction of rotation optional
Direction of air flow
Air exhaust over bars
Note
Only a customer-specific, custom-developed variant is available for this model. The data specified
here are technically feasible benchmark values. The fans can be specially adapted to your application
with signal outputs and control inputs.
Bearing
Ball bearings
Lifetime L10 at 40 °C
70000 h
Mass
0.820 kg
Housing material
Aluminum. Housing with grounding lug for screw M4 x 8 (TORX).
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Approval
VDE, CSA, UL, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone: +49(0)7724/81-0 · Fax: +49(0)7724/81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com